Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTS1675 Fiches technique(PDF) 1 Page - Kinetic Technologies.

No de pièce KTS1675
Description  Overvoltage Protector with Bidirectional Blocking and Surge Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTS1675 Fiches technique(HTML) 1 Page - Kinetic Technologies.

  KTS1675 Datasheet HTML 1Page - Kinetic Technologies. KTS1675 Datasheet HTML 2Page - Kinetic Technologies. KTS1675 Datasheet HTML 3Page - Kinetic Technologies. KTS1675 Datasheet HTML 4Page - Kinetic Technologies. KTS1675 Datasheet HTML 5Page - Kinetic Technologies. KTS1675 Datasheet HTML 6Page - Kinetic Technologies. KTS1675 Datasheet HTML 7Page - Kinetic Technologies. KTS1675 Datasheet HTML 8Page - Kinetic Technologies. KTS1675 Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
KTS1675
August 2020 - Revision 04e
Page 1
Company Confidential
Features
• Wide Input voltage range: 3.0V to +28V
• Integrated MOSFET switch 20mΩ typical
• 5A Continuous Current
• VP Select pin
 Over-Voltage threshold trip 13V/17V
 VSNS clamp 16V/20V max
• Fast Over-Voltage response time 100ns
• Low Quiescent Current: 160µA (typ.)
• Integrated Protection
 Thermal Shutdown
 Under voltage protection (UVLO)
 Soft-Start
 OUT to IN Reverse Blocking
• EN
̅̅̅̅, VSNS, WRX
̅̅̅̅̅̅̅ and FLAG
̅̅̅̅̅̅̅̅ pins
• Integrated Surge Protection up to +/-100V
• Pb-free WLCSP 20-Bump, 0.4mm pitch
• -40°C to +85°C Temperature Range
Applications
• Smartphones and Tablets
• Mobile Internet Devices
• Peripherals
Brief Description
The KTS1675 over-voltage protection device features high
current integrated N-Channel MOSFETs with an ultra-low
IN to OUT on-resistance of 20
mΩ (typical). Low-voltage
systems on the output are protected from voltage supply
faults up to +28V. An internal clamp on the input protects
the device from surges up to ±100V.
An input voltage exceeding the over-voltage threshold
causes the internal MOSFETs to turn off, preventing
excessive voltage from damaging downstream devices.
The KTS1675 has a selectable internal fixed OVLO
threshold preset to either 13V or 17V (typical) and also
supports reverse bias blocking, preventing any voltage
present at OUT pin feeding back into IN when the device is
in the Off state. The KTS1675 also provides a selectable,
always ON, clamped output voltage of 16V or 20V max.
The KTS1675 also features additional protection including
enhanced ESD and thermal to protect against over-load
conditions.
The device is available in a RoHS and Green compliant
20-bump, 0.4mm pitch, 2.22mm x 1.82mm WLCSP.
Typical Application
GND
OUT
IN
FLAG
C
OUT
10µF
Battery
Charger
Battery
Adapter/USB
Application
Processor
KTS1675
V
OUT
EN
VSNS
WRX
Wireless Receiver Enable Pin
Wireless
Receiver
0.1µF
C
IN
1µF
V
IN
VP
Overvoltage Protector with Bidirectional Blocking and Surge Protection


Numéro de pièce similaire - KTS1675

FabricantNo de pièceFiches techniqueDescription
logo
Kinetic Technologies.
KTS1675A KINETIC-KTS1675A Datasheet
840Kb / 18P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1675AEUT-TR KINETIC-KTS1675AEUT-TR Datasheet
840Kb / 18P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
More results

Description similaire - KTS1675

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
logo
Bourns Electronic Solut...
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4A250H3BJ BOURNS-TISP4A250H3BJ_07 Datasheet
548Kb / 8P
ASYMMETRICAL-BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4P015L1N BOURNS-TISP4P015L1N_10 Datasheet
368Kb / 6P
LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4310T3BJ BOURNS-TISP4310T3BJ_08 Datasheet
353Kb / 5P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
logo
Kinetic Technologies.
KTS1675A KINETIC-KTS1675A Datasheet
840Kb / 18P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1676 KINETIC-KTS1676 Datasheet
988Kb / 20P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04c
KTS1677A KINETIC-KTS1677A Datasheet
620Kb / 15P
Low RON Load Switch with Overvoltage and Reverse Blocking Protection
September 2021 - Revision 04d
KTS1686 KINETIC-KTS1686 Datasheet
676Kb / 13P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
November 2016 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com