Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTS1675 Fiches technique(PDF) 2 Page - Kinetic Technologies.

No de pièce KTS1675
Description  Overvoltage Protector with Bidirectional Blocking and Surge Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTS1675 Fiches technique(HTML) 2 Page - Kinetic Technologies.

  KTS1675 Datasheet HTML 1Page - Kinetic Technologies. KTS1675 Datasheet HTML 2Page - Kinetic Technologies. KTS1675 Datasheet HTML 3Page - Kinetic Technologies. KTS1675 Datasheet HTML 4Page - Kinetic Technologies. KTS1675 Datasheet HTML 5Page - Kinetic Technologies. KTS1675 Datasheet HTML 6Page - Kinetic Technologies. KTS1675 Datasheet HTML 7Page - Kinetic Technologies. KTS1675 Datasheet HTML 8Page - Kinetic Technologies. KTS1675 Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
KTS1675
August 2020 - Revision 04e
Page 2
Company Confidential
Pin Descriptions
Pin #
Name
Pin
Type
Slave or
Autonomous
Function
A1, A2, A3, A4,
A5, B1, B2, B3
IN
Power
Both
Load switch input pin.
C1, C2, D1, D2,
D3
OUT
Power
Both
Load switch output pin.
D5
WRX
̅̅̅̅̅̅̅
Digital
I/O
Autonomous
Wireless receiver (WRx) active low logic enable pin.
Slave mode: Pull this pin logic low or Pull this pin to GND.
Autonomous mode: Connect this pin to WRx active low enable pin,
if a system output control pin is not available.
D4
EN
̅̅̅̅
Digital
Input
Slave
Active low logic enable pin.
When
EN
̅̅̅̅ high, the switch is turned off.
Slave mode: Connect this pin to System enable logic pin or tie to
external GND plane.
Autonomous: Pull this pin logic low or tie to external GND.
B4, B5
GND
Power
Both
Ground pin.
C4
FLAG
̅̅̅̅̅̅̅̅
Digital
I/O
Autonomous
FLAG
̅̅̅̅̅̅̅̅ pin is pulled high to indicate to the system when OTG mode
can be triggered in autonomous mode.
Slave mode: Pull this pin logic low, or tie to external GND.
Autonomous mode: Connect to the System digital I/O pin (or
equivalent) that pulls logic low to enter OTG mode when IN is
connected to an OTG load and a power source is applied to OUT.
C5
VSNS
Analog
Output
Slave
IN input voltage sense pin with clamping voltage set by VP pin.
Slave mode: connect this pin to the battery charger input sense pin.
C3
VP
Digital
Input
Both
OVP and VSNS selector pin. Connect VP to GND for a typical 17V
OVP and a max. of 20V VSNS. Leave VP floating for a typical 13V
OVP and a max. of 16V VSNS.
WLCSP-20
WLCSP Package 20-Bump 2.22mm x 1.82mm x 0.62mm
Top Mark
WW = Device ID Code,
XX = Date Code, YY = Assembly Code,
ZZZZ = Serial Number
TOP VIEW
TOP VIEW
C
B
A
1
2
3
IN
IN
OUT
IN
IN
OUT
IN
IN
VP
OUT
OUT
OUT
D
4
5
IN
GND
FLAG
IN
GND
VSNS
EN
WRX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com