Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTS1675 Fiches technique(PDF) 4 Page - Kinetic Technologies.

No de pièce KTS1675
Description  Overvoltage Protector with Bidirectional Blocking and Surge Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTS1675 Fiches technique(HTML) 4 Page - Kinetic Technologies.

  KTS1675 Datasheet HTML 1Page - Kinetic Technologies. KTS1675 Datasheet HTML 2Page - Kinetic Technologies. KTS1675 Datasheet HTML 3Page - Kinetic Technologies. KTS1675 Datasheet HTML 4Page - Kinetic Technologies. KTS1675 Datasheet HTML 5Page - Kinetic Technologies. KTS1675 Datasheet HTML 6Page - Kinetic Technologies. KTS1675 Datasheet HTML 7Page - Kinetic Technologies. KTS1675 Datasheet HTML 8Page - Kinetic Technologies. KTS1675 Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
KTS1675
August 2020 - Revision 04e
Page 4
Company Confidential
Electrical Characteristics5
VIN/VOUT = 5V. Unless otherwise noted, the Min and Max specs are applied over the full operation temperature range
of –40°C to +85°C, while Typ values are specified at room temperature (25
C).
Symbol
Description
Conditions
Min
Typ
Max
Units
INPUT, OVP (IN to OUT)
VIN
Input Operating Supply voltage
3.0
20.0
V
VOUT
Output Operating Supply voltage
3.0
18.0
V
VUVLO
Input /Output UVLO rising
threshold
Initiates soft-start after deglitch time
2.3
2.7
2.95
V
IOUT, IOTG
Continuous output current
5
A
VOVP
Input OVP rising threshold
VIN > VOVP enters
Fault mode
VP = GND
16
17
18
V
VP = FLOAT
12
13
14
V
VUVLO/OVP-HYS
UVLO and OVP Hysteresis
Falling VIN
0.2
V
VIN-CLAMP
Input Clamp Voltage
IIN = 10mA, TA = +25°C
28
32
V
RDSON (IN-OUT)
Switch ON Resistance
IIN = 1A, TA = +25°C
20
30
m
Ω
IQ-IN
Input quiescent current,
Standby/Fault state
EN
̅̅̅̅ = High
160
210
A
IDD-IN
Input operating current
EN
̅̅̅̅ = Low, IOUT = 0mA
160
210
A
IQ-OUT
Output quiescent current,
Standby/Fault state
OTG-mode,
EN
̅̅̅̅ = High
170
220
A
IDD-OUT
Output operating current
OTG-mode,
EN
̅̅̅̅ = Low, No load
160
210
A
IQIN-GND(CLAMP)
Clamping IN quiescent current
VIN = 28V; VOUT = 0V to 6V
0.3
5
mA
RDIS
OUT discharge resistance
Measured from OUT to GND during
discharge event
450
650
Ω
VIN-OUT(Float)
OUT float voltage
Standby state,
FLAG
̅̅̅̅̅̅̅̅ = high and/or
EN
̅̅̅̅ = high; VIN = 4.5V to 16V
2
V
VOUT-IN(Float)
IN float voltage
OTG state,
FLAG
̅̅̅̅̅̅̅̅ = high and/or
EN
̅̅̅̅ = high; VOUT = 4.5V to 16V
2
V
VSNS
VVSNS_DROP
VSNS voltage drop when loaded
IVSNS = 20mA, TA = +25°C
20
30
mV
VCLAMP
VSNS Clamp Voltage
VIN = 20V, VEN
̅ = 0V
VP = GND
18
20
V
VP = FLOAT
14
16
V
5. KTS1675 is guaranteed to meet performance specifications over the
–40°C to +85°C operating temperature range by design, characterization
and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com