Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTS1675 Fiches technique(PDF) 6 Page - Kinetic Technologies.

No de pièce KTS1675
Description  Overvoltage Protector with Bidirectional Blocking and Surge Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTS1675 Fiches technique(HTML) 6 Page - Kinetic Technologies.

Back Button KTS1675 Datasheet HTML 2Page - Kinetic Technologies. KTS1675 Datasheet HTML 3Page - Kinetic Technologies. KTS1675 Datasheet HTML 4Page - Kinetic Technologies. KTS1675 Datasheet HTML 5Page - Kinetic Technologies. KTS1675 Datasheet HTML 6Page - Kinetic Technologies. KTS1675 Datasheet HTML 7Page - Kinetic Technologies. KTS1675 Datasheet HTML 8Page - Kinetic Technologies. KTS1675 Datasheet HTML 9Page - Kinetic Technologies. KTS1675 Datasheet HTML 10Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
KTS1675
August 2020 - Revision 04e
Page 6
Company Confidential
Typical Characteristics
VIN/VOUT = 5V, CIN = 1µF, COUT = 10µF,
WRX
̅̅̅̅̅̅̅ floating (high), FLAG
̅̅̅̅̅̅̅̅ floating (high), EN
̅̅̅̅ floating (low), VP = GND (17V VOVP), Temp
= 25°C unless otherwise specified.
Forward Supply Current vs. VIN
Forward Blocking Supply Current vs. VIN
(Switch on)
(Switch off,
EN
̅̅̅̅ = high)
Reverse Supply Current vs. VOUT
Reverse Blocking Supply Current vs. VOUT
(Switch on,
FLAG
̅̅̅̅̅̅̅̅ = low)
(Switch off,
FLAG
̅̅̅̅̅̅̅̅ = high)
Normalized RDSON vs Output Current
Normalized RDSON vs. Temperature
(VIN = 5V)
(IOUT = 1A)
0
40
80
120
160
200
240
280
0
4
8
12
16
20
24
28
VIN (V)
+85°C
+25°C
-40°C
0
40
80
120
160
200
240
280
0
4
8
12
16
20
24
28
Input Voltage (V)
+85°C
+25°C
-40°C
0
40
80
120
160
200
240
280
320
0
3
6
9
12
15
18
VOUT (V)
+85°C
+25°C
-40°C
0
40
80
120
160
200
240
280
0
3
6
9
12
15
18
VOUT (V)
+85°C
+25°C
-40°C
0.8
0.9
1.0
1.1
1.2
1.3
0
1
2
3
4
5
Ouput Current (A)
Normalized to 1A
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
Temperature (ºC)
Normalized to T
A = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com