Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTS1675 Fiches technique(PDF) 5 Page - Kinetic Technologies.

No de pièce KTS1675
Description  Overvoltage Protector with Bidirectional Blocking and Surge Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTS1675 Fiches technique(HTML) 5 Page - Kinetic Technologies.

  KTS1675 Datasheet HTML 1Page - Kinetic Technologies. KTS1675 Datasheet HTML 2Page - Kinetic Technologies. KTS1675 Datasheet HTML 3Page - Kinetic Technologies. KTS1675 Datasheet HTML 4Page - Kinetic Technologies. KTS1675 Datasheet HTML 5Page - Kinetic Technologies. KTS1675 Datasheet HTML 6Page - Kinetic Technologies. KTS1675 Datasheet HTML 7Page - Kinetic Technologies. KTS1675 Datasheet HTML 8Page - Kinetic Technologies. KTS1675 Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
KTS1675
August 2020 - Revision 04e
Page 5
Company Confidential
Electrical Characteristics (continued)5
Symbol
Description
Conditions
Min
Typ
Max
Units
TIMING CHARACTERISTICS
tDEB
Input debounce time
VUVLO < VIN < VOVP,
EN
̅̅̅̅ = low,
time delay between VIN rising and
WRX
̅̅̅̅̅̅̅ rising
50
ms
tDIS
Discharge time
Time after debounce time
WRX
̅̅̅̅̅̅̅
rising to VOUT soft-start
50
ms
tSST
Soft-start time
Bidirectional IN to OUT or OUT to IN,
time is from 20% to 80% of input
0.5
1.0
ms
tOVP-DLY
Switch turn-off response time
VIN > VOVP to VOUT stop rising
70
ns
tDELAY
Logic pin enable delay:
EN
̅̅̅̅, FLAG
̅̅̅̅̅̅̅̅
Time delay from
EN
̅̅̅̅, FLAG
̅̅̅̅̅̅̅̅
enable/disable load switch, excluding
soft-start
200
µs
DIGITAL SIGNALS
VIL
Digital Logic Thresholds; Logic input
pins:
EN
̅̅̅̅, FLAG
̅̅̅̅̅̅̅̅, WRX
̅̅̅̅̅̅̅
Input logic low
0.4
V
VIH
Input logic high
1.1
V
VOL
Output voltage:
FLAG
̅̅̅̅̅̅̅̅, WRX
̅̅̅̅̅̅̅
Output logic low, Sinking = 1mA
0.4
V
VOH
Output logic high, no load
2.6
3.25
3.6
V
ROH
Pull-up resistance:
FLAG
̅̅̅̅̅̅̅̅, WRX
̅̅̅̅̅̅̅
400
REN
EN
̅̅̅̅ Pull-down resistor
400
ESD PROTECTION (IEC61000-4-2)
VESD
Human Body Model (HBM)
All pins
±2
kV
IEC61000-4-2 Contact discharge
IN pin
±8
IEC61000-4-2 Air gap discharge
IN pin
±15
Thermal Shutdown
tJ-TH
IC junction thermal shutdown threshold
150
C
IC junction thermal shutdown hysteresis
15
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com