Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTS1675 Fiches technique(PDF) 3 Page - Kinetic Technologies.

No de pièce KTS1675
Description  Overvoltage Protector with Bidirectional Blocking and Surge Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTS1675 Fiches technique(HTML) 3 Page - Kinetic Technologies.

  KTS1675 Datasheet HTML 1Page - Kinetic Technologies. KTS1675 Datasheet HTML 2Page - Kinetic Technologies. KTS1675 Datasheet HTML 3Page - Kinetic Technologies. KTS1675 Datasheet HTML 4Page - Kinetic Technologies. KTS1675 Datasheet HTML 5Page - Kinetic Technologies. KTS1675 Datasheet HTML 6Page - Kinetic Technologies. KTS1675 Datasheet HTML 7Page - Kinetic Technologies. KTS1675 Datasheet HTML 8Page - Kinetic Technologies. KTS1675 Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
KTS1675
August 2020 - Revision 04e
Page 3
Company Confidential
Absolute Maximum Ratings1
(TA = 25°C unless otherwise noted)
Symbol
Description
Value
Units
IN
Input Voltage
-0.3 to 28
V
OUT
Output Voltage
-0.3 to 24
V
IN-OUT
IN to OUT Voltage (when OFF)
-24 to 28
V
VSNS
Input Voltage Sensing
20
V
EN
̅̅̅̅, FLAG
̅̅̅̅̅̅̅̅, WRX
̅̅̅̅̅̅̅
EN
̅̅̅̅, FLAG
̅̅̅̅̅̅̅̅ and WRX
̅̅̅̅̅̅̅ pins
-0.3 to 6
V
IN, OUT Current
Continuous Current
5
A
TJ
Operating Junction Temperature Range
-40 to 150
°C
Ts
Storage Temperature Range
-65 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
260
°C
Thermal Capabilities
Symbol
Description
Value
Units
θJA
Thermal Resistance
– Junction to Ambient2
65
°C/W
PD
Maximum Power Dissipation at TA
≤ 25°C
1919
mW
ΔPD/ΔT
Derating Factor Above TA = 25°C
-15.4
mW/°C
Ordering Information
Part Number
Marking
Operating Temperature
Package
KTS1675EUT-TR
MOXXYYZZZZ3
-40°C to +85°C
WLCSP-20
Recommended Operating Condition4
Description
Value
IN Voltage Range
3.0V to 20V
OUT Voltage Range
3.0V to 18V
Ambient Temperature
-40°C to +85°C
Input capacitance (CIN)
Up to 10
F
OTG hot swap capacitance (COTG)
Up to 200
F
Output capacitance (COUT)
Up to 20
F
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device.
Functional operation at
conditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one
time.
2. Junction to Ambient thermal resistance is highly dependent on PCB layout. Values are based on thermal properties of the device when
soldered to a 4-layer board.
3. XX = Date Code, YY = Assembly Code, ZZZZ = Serial Number.
4. The device is not guaranteed to function outside of recommended operating condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com