Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTS1675 Fiches technique(PDF) 10 Page - Kinetic Technologies.

No de pièce KTS1675
Description  Overvoltage Protector with Bidirectional Blocking and Surge Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTS1675 Fiches technique(HTML) 10 Page - Kinetic Technologies.

Back Button KTS1675 Datasheet HTML 6Page - Kinetic Technologies. KTS1675 Datasheet HTML 7Page - Kinetic Technologies. KTS1675 Datasheet HTML 8Page - Kinetic Technologies. KTS1675 Datasheet HTML 9Page - Kinetic Technologies. KTS1675 Datasheet HTML 10Page - Kinetic Technologies. KTS1675 Datasheet HTML 11Page - Kinetic Technologies. KTS1675 Datasheet HTML 12Page - Kinetic Technologies. KTS1675 Datasheet HTML 13Page - Kinetic Technologies. KTS1675 Datasheet HTML 14Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
KTS1675
August 2020 - Revision 04e
Page 10
Company Confidential
Functional Description
The KTS1675 is inserted between the power supply or charger source and the load to be protected. The KTS1675
consists of two “back-to-back” low resistance OVP MOSFET switches, under-voltage lockout protection (UVLO),
over-voltage monitors and protection (OVLO), and power good output flags.
The KTS1675 overvoltage protection device features low on-resistance (RDSON) internal FETs and protects low-
voltage systems against voltage faults up to +28VDC. An internal clamp also protects the device from surges up to
+100V. If the input voltage exceeds the overvoltage threshold, the internal FETs are turned off to prevent damage to
the protected components. A 50ms debounce time built into the device prevents false turn on of the internal FET
during startup. The KTS1675 also supports OTG mode where both MOSFETs can be turned-on to provide current
flow from OUT to IN. With OTG mode de-asserted and the switch turned off, the KTS1675 blocks any voltage at OUT
appearing at IN.
The KTS1675 features a VP selector pin, which gives the user two OVP/VSNS voltage options. Connecting VP to
ground, selects an OVP of typically 17V and a maximum VSNS clamp voltage of 20V and when the VP is left to
“FLOAT” selects and OVP of typically 13V and a maximum VSNS clamp voltage of 16V.
Dual Input Device Operation
The addition of a wireless receiver (WRx) with an enable pin allows KTS1675 load switch to implement an equivalent
2:1 power multiplexer (PMUX), see Figure 1. When disabled, the wireless receiver withstand voltage must be greater
than or equal to 20V which is the load switch maximum input operating voltage.
The load switch can transition between OFF state and OTG modes based on the input state (IN adapter and/or WRx).
When the charger detects an OTG plug-in event, the transition to OTG mode is possible.
Figure 1. Dual Input Device Operation
VSNS
IN
GND
KTS1675
Battery Charger
USB_SNS
OUT
Up to 18V VIN
20V VIN (Rated)
EN
̅̅̅̅
USB_EN
FLAG
̅̅̅̅̅̅̅̅
CHGOK
WRX
̅̅̅̅̅̅̅
DC_EN
Wireless
Receiver
Up to 15V VOUT
20V VIN (Rated)
ENABLE
̅̅̅̅̅̅̅̅̅̅̅̅
VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com