Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTS1675AEUT-TR Fiches technique (PDF) - Kinetic Technologies.

KTS1675AEUT-TR Datasheet PDF - Kinetic Technologies.
No de pièce KTS1675AEUT-TR
Télécharger  KTS1675AEUT-TR Télécharger
Taille du fichier   840.2 Kbytes
Page   18 Pages
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Overvoltage Protector with Bidirectional Blocking and Surge Protection

KTS1675AEUT-TR Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
KTS1675AEUT-TR Datasheet PDF - Kinetic Technologies.

No de pièce KTS1675AEUT-TR
Télécharger  KTS1675AEUT-TR Click to download

Taille du fichier   840.2 Kbytes
Page   18 Pages
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Overvoltage Protector with Bidirectional Blocking and Surge Protection

KTS1675AEUT-TR Fiches technique (HTML) - Kinetic Technologies.


KTS1675AEUT-TR Détails du produit

Features

• Wide Input voltage range: 3.0V to +28V
• Integrated MOSFET switch 25mΩ typical
• 5A Continuous Current
• VP Select pin: over-Voltage threshold trip
13V/23.4V
• Fixed 5V Output from VSNS
• Fast Over-Voltage response time 100ns
• Low Quiescent Current: 160μA (typ.)
• Integrated Protection
 Thermal Shutdown
 Under voltage protection (UVLO)
 Soft-Start
 OUT to IN Reverse Blocking
• ̅E̅̅N̅, VSNS, ̅W̅̅R̅̅̅X̅ and ̅F̅L̅̅A̅̅G̅̅ pins
• Integrated Surge Protection up to +/-100V
• Pb-free WLCSP 20-Bump, 0.4mm pitch
• -40°C to +85°C Temperature Range

Applications

• Smartphones and Tablets
• Mobile Internet Devices
• Peripherals

Brief Description

The KTS1675A over-voltage protection device features
high current integrated N-Channel MOSFETs with an ultralow
IN to OUT on-resistance of 25mΩ (typical). Lowvoltage
systems on the output are protected from voltage
supply faults up to +28V. An internal clamp on the input
protects the device from surges up to ±100V.
An input voltage exceeding the over-voltage threshold
causes the internal MOSFETs to turn off, preventing
excessive voltage from damaging downstream devices.
The KTS1675A has a selectable internal fixed OVLO
threshold preset to either 13V or 23.4V (typical) and also
supports reverse bias blocking, preventing any voltage
present at OUT pin feeding back into IN when the device is
in the Off state.
The KTS1675A also features additional protection
including enhanced ESD and thermal to protect against
over-load conditions.
The device is available in a RoHS and Green compliant
20-bump, 0.4mm pitch, 2.22mm x 1.82mm WLCSP.




Numéro de pièce similaire - KTS1675AEUT-TR

FabricantNo de pièceFiches techniqueDescription
logo
Kinetic Technologies.
KTS1675 KINETIC-KTS1675 Datasheet
989Kb / 22P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1675EUT-TR KINETIC-KTS1675EUT-TR Datasheet
989Kb / 22P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
More results


Description similaire - KTS1675AEUT-TR

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
logo
Bourns Electronic Solut...
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4A250H3BJ BOURNS-TISP4A250H3BJ_07 Datasheet
548Kb / 8P
ASYMMETRICAL-BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4P015L1N BOURNS-TISP4P015L1N_10 Datasheet
368Kb / 6P
LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4310T3BJ BOURNS-TISP4310T3BJ_08 Datasheet
353Kb / 5P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
logo
Kinetic Technologies.
KTS1675 KINETIC-KTS1675 Datasheet
989Kb / 22P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1676 KINETIC-KTS1676 Datasheet
988Kb / 20P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04c
KTS1677A KINETIC-KTS1677A Datasheet
620Kb / 15P
Low RON Load Switch with Overvoltage and Reverse Blocking Protection
September 2021 - Revision 04d
KTS1686 KINETIC-KTS1686 Datasheet
676Kb / 13P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
November 2016 - Revision 04a
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com