Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTS1686 Fiches technique (PDF) - Kinetic Technologies.

KTS1686 Datasheet PDF - Kinetic Technologies.
No de pièce KTS1686
Télécharger  KTS1686 Télécharger
Taille du fichier   676.6 Kbytes
Page   13 Pages
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Overvoltage Protector with Bidirectional Blocking and Surge Protection

KTS1686 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
KTS1686 Datasheet PDF - Kinetic Technologies.

No de pièce KTS1686
Télécharger  KTS1686 Click to download

Taille du fichier   676.6 Kbytes
Page   13 Pages
Fabricant  KINETIC [Kinetic Technologies.]
Site Internet  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Overvoltage Protector with Bidirectional Blocking and Surge Protection

KTS1686 Fiches technique (HTML) - Kinetic Technologies.


KTS1686 Détails du produit

Features

• Wide Input voltage range: 3.0V to +28V
• Integrated typical 65mΩ N-Channel MOSFET
• 4.5A Continuous Current
• Wide Over-Voltage threshold range
 Adjustable: 5V to 22V
 Fixed: 5.885V ± 3%
• Fast Over-Voltage response time 100ns
• Start-up Debounce time : 20ms (typ.)
• Low Quiescent Current : 140μA (typ.)
• Integrated Protection
 Thermal Shutdown
 Under voltage protection (UVLO)
 Soft-Start
 OUT to IN Reverse Blocking
• Open-drain & Logic Output Power Good pins
• Integrated Surge Protection up to +100V
• Pb-free Package:
 15-Bump WLCSP 1.6mm x 2.1mm
• -40°C to +85°C Temperature Range

Applications

• Smartphones and Tablets
• Mobile Internet Devices
• Peripherals, E-Readers

Brief Description

The KTS1686 over-voltage protection device features high
current integrated N-Ch MOSFETs with an ultra-low IN to
OUT on-resistance of 65mΩ (typical), actively protecting
low-voltage systems from voltage supply faults up to
+28VDC. An internal clamp protects the device from
surges up to +100V.
An input voltage exceeding the over-voltage threshold will
cause the internal MOSFET to turn off, preventing
excessive voltage from damaging downstream devices.
When the OVLO input set below the external OVLO select
voltage, the KTS1686 automatically chooses the internal
fixed OVLO threshold, preset to 5.885V (typical). The overvoltage
protection threshold can be adjusted with optional
resistor divider to a voltage between 5V and 22V.
The KTS1686 also features reverse bias blocking,
preventing any voltage present at OUT not feeding back
into IN when the device is in the OFF state. When OTG_EN
is high, the path from OUT to IN is enabled, to permit the
powering of external OTG peripherals.
The KTS1686 also features additional protection including
enhanced ESD protection and thermal protection to protect
against over-load conditions.
The KTS1686 is available in a RoHS and Green compliant
15-Bump 1.6mm x 2.1mm WLCSP.




Numéro de pièce similaire - KTS1686

FabricantNo de pièceFiches techniqueDescription
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680AEUZ-TR KINETIC-KTS1680AEUZ-TR Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
KTS1680CEUZ-TR KINETIC-KTS1680CEUZ-TR Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
More results


Description similaire - KTS1686

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
logo
Bourns Electronic Solut...
TISP4070H3BJ BOURNS-TISP4070H3BJ Datasheet
392Kb / 13P
Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4A250H3BJ BOURNS-TISP4A250H3BJ_07 Datasheet
548Kb / 8P
ASYMMETRICAL-BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4P015L1N BOURNS-TISP4P015L1N_10 Datasheet
368Kb / 6P
LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4310T3BJ BOURNS-TISP4310T3BJ_08 Datasheet
353Kb / 5P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Maxim Integrated Produc...
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
logo
Kinetic Technologies.
KTS1675 KINETIC-KTS1675 Datasheet
989Kb / 22P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1675A KINETIC-KTS1675A Datasheet
840Kb / 18P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04e
KTS1676 KINETIC-KTS1676 Datasheet
988Kb / 20P
Overvoltage Protector with Bidirectional Blocking and Surge Protection
August 2020 - Revision 04c
KTS1677A KINETIC-KTS1677A Datasheet
620Kb / 15P
Low RON Load Switch with Overvoltage and Reverse Blocking Protection
September 2021 - Revision 04d
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com