Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9966 Fiches technique(PDF) 98 Page - STMicroelectronics

No de pièce L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Fiches technique(HTML) 98 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 94Page - STMicroelectronics L9966 Datasheet HTML 95Page - STMicroelectronics L9966 Datasheet HTML 96Page - STMicroelectronics L9966 Datasheet HTML 97Page - STMicroelectronics L9966 Datasheet HTML 98Page - STMicroelectronics L9966 Datasheet HTML 99Page - STMicroelectronics L9966 Datasheet HTML 100Page - STMicroelectronics L9966 Datasheet HTML 101Page - STMicroelectronics L9966 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 122 page
background image
16.19
VRS
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CR
RW
W
RW
Address:
0b0101_0001
Description:
VRS register
Table 71. VRS register bit description
Range
Field name/description
Reset Value
Reset Event
[15] Parity
Default
[14:13]
VRS_FAULT
VRS diagnostics flags
00: no fault
01: short to ground
10: open load
11: short to battery
00
PORn
RSTn
[12] RESERVED
0
PORn
[11]
Lim_Adap_double_edge
Double edge selection
0: disable
1: enable
0
PORn
RSTn
[10]
DIAG_CLR_CMD
1: clear diagnostics flags after read out
0: no clear diagnostics flags after read out
0
PORn
[9]
MIN_HYST_FORCE
Force minimum hysteresis threshold (limited adaptive mode):
1: Force hysteresis to default value suddenly
0: no hysteresis forcing
0
PORn
RSTn
[8]
VRS_SEL
Adaptive mode selection
0: Limited adaptive mode
1: Fully adaptive mode
0
PORn
RSTn
[7:6] VRS_CONF_MODE
00
PORn
L9966
VRS
DS12459 - Rev 10
page 98/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More