Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9966 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 14Page - STMicroelectronics L9966 Datasheet HTML 15Page - STMicroelectronics L9966 Datasheet HTML 16Page - STMicroelectronics L9966 Datasheet HTML 17Page - STMicroelectronics L9966 Datasheet HTML 18Page - STMicroelectronics L9966 Datasheet HTML 19Page - STMicroelectronics L9966 Datasheet HTML 20Page - STMicroelectronics L9966 Datasheet HTML 21Page - STMicroelectronics L9966 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 122 page
background image
Figure 8. WAKE SOURCE returns at its PRE_SLEEP value
GADG0501180924PS
Scenario 2
Once the new status is detected, the WAKE SOURCES maintain the new value for PB+PT time.
This determines WAKE EVENT as shown in Figure 9. WAKE SOURCE determines a WAKE EVENT.
Figure 9. WAKE SOURCE determines a WAKE EVENT
GADG0501180934PS
Scenario 3
Once a new status is detected on some WAKE SOURCES, in PB+PT time their values return at their PRE-
SLEEP ones while other WAKE SOURCES change their status.
Even if the events separately last for less than a PB+PT time, if their combination lasts for at least PB+PT time,
this determines a WAKE EVENT, as shown in Figure 10.
The WAKE SOURCE latched as responsible for the WAKE EVENT is the one asserted as soon as PT expires.
L9966
Polling operation: WAKE and SLEEP modes
DS12459 - Rev 10
page 18/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More