Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9966 Fiches technique(PDF) 101 Page - STMicroelectronics

No de pièce L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Fiches technique(HTML) 101 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 97Page - STMicroelectronics L9966 Datasheet HTML 98Page - STMicroelectronics L9966 Datasheet HTML 99Page - STMicroelectronics L9966 Datasheet HTML 100Page - STMicroelectronics L9966 Datasheet HTML 101Page - STMicroelectronics L9966 Datasheet HTML 102Page - STMicroelectronics L9966 Datasheet HTML 103Page - STMicroelectronics L9966 Datasheet HTML 104Page - STMicroelectronics L9966 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 122 page
background image
16.21
SC_CONF
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
RW
(set
to '1')
RW
Address:
0b1000_0001
Description:
Single conversion module register
Table 73. SC_CONF register bit description
Range
Field name/description
Reset
Value
Reset
Event
[15] Parity
Default
[14:9] RESERVED
0
PORn
[8]
ADC_RUN
Single conversion unit
1: Command single conversion unit to run
0
PORn
RSTn
[7:3]
ADC_MUX
ADC Channel selection
Following codes valid for both ADC1 and ADC2:
00000 debug voltage (3V3/3.344 = 0.99 V)
00001: IO1
…
01100: IO12
Following codes valid only for ADC1:
01101: UBSW
01110 VI5V
01111: VIX
10000: IO13 (only UTh2 or Uth_ratio must be selected)
10001: IO14 (only UTh2 or Uth_ratio must be selected)
10010: IO15 (only UTh2 or Uth_ratio must be selected)
10011: BG/2
10100: Tj
10101 – 11111: invalid code
00000
PORn
RSTn
[2:1] PUP_DIV
00
PORn
L9966
SC_CONF
DS12459 - Rev 10
page 101/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More