Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9966 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 81Page - STMicroelectronics L9966 Datasheet HTML 82Page - STMicroelectronics L9966 Datasheet HTML 83Page - STMicroelectronics L9966 Datasheet HTML 84Page - STMicroelectronics L9966 Datasheet HTML 85Page - STMicroelectronics L9966 Datasheet HTML 86Page - STMicroelectronics L9966 Datasheet HTML 87Page - STMicroelectronics L9966 Datasheet HTML 88Page - STMicroelectronics L9966 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 122 page
background image
Range
Field name/description
Reset Value Reset Event
010: PullUp 5V_REF (CS=1) - HighZ (CS=0)
011: PullUpVVAR (CS=1) - HighZ (CS=0)
100: PullDown (CS=1) - HighZ (CS=0)
101: PullUpVPRE (CS=1) - PullDown (CS=0)
110: PullUp 5V_REF (CS=1) - PullDown (CS=0)
111: PullUpVVAR (CS=1) - PullDown (CS=0)
IO[15:13] PU only to VPRE; VVAR or 5V_REF automatically redirected to VPRE
[0]
MODE
Invert control channel polarity to obtain CONTROL SIGNAL
0: not inverted
1: inverted
0
PORn
RSTn
L9966
CURR_SRC_CTRL_[13:15]
DS12459 - Rev 10
page 85/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More