| Moteur de recherche de fiches techniques de composants électroniques |
|
L9966 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9966 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 122 page ![]() 16 SPI register map 16.1 GEN_STATUS 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED - RW RW RW R R RW CR R = Read W = Write CR = Clear on Read Address: 00000_0001 Description: General status register Table 52. GEN_STATUS register bit description Range Field name/description Reset Value Reset Event [15] Parity Default [14:13] Configuration Check Default value indicates device configuration is lost 10 PORn RSTn [12:7] RESERVED [6] CALIB_SEL ADC calibration selection: 0: raw ADC result 1: calibrared ADC result 0 PORn RSTn [5] CALIB_FLT 0: no fault 1: Fault condition 0 PORn [4] TRIM FLT 1: Fault condition 0 PORn [3] OT_MASK Overtemperature fault mask 1: Enabled 0: Disabled 0 PORn RSTn [2] WAK_UP Wake up event 0: no fault 1: Entered wake up event state 1 PORn L9966 SPI register map DS12459 - Rev 10 page 73/122 |