Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9966 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 10Page - STMicroelectronics L9966 Datasheet HTML 11Page - STMicroelectronics L9966 Datasheet HTML 12Page - STMicroelectronics L9966 Datasheet HTML 13Page - STMicroelectronics L9966 Datasheet HTML 14Page - STMicroelectronics L9966 Datasheet HTML 15Page - STMicroelectronics L9966 Datasheet HTML 16Page - STMicroelectronics L9966 Datasheet HTML 17Page - STMicroelectronics L9966 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 122 page
background image
Figure 6. Example of power up sequence
GADG0401181607PS
Figure 7 shows a power down sequence without SLEEP-POLLING phase: UBSW falls down to 3V3_FLT
assertion and POR.
If 3V3_FLT is set, the internal power blocks are switched off, while SPI is still running. Further lowering of UBSW
determines POR and consequently the reset of the device.
L9966
Operating modes
DS12459 - Rev 10
page 14/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More