Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9966 Fiches technique(PDF) 68 Page - STMicroelectronics

No de pièce L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Fiches technique(HTML) 68 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 64Page - STMicroelectronics L9966 Datasheet HTML 65Page - STMicroelectronics L9966 Datasheet HTML 66Page - STMicroelectronics L9966 Datasheet HTML 67Page - STMicroelectronics L9966 Datasheet HTML 68Page - STMicroelectronics L9966 Datasheet HTML 69Page - STMicroelectronics L9966 Datasheet HTML 70Page - STMicroelectronics L9966 Datasheet HTML 71Page - STMicroelectronics L9966 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 122 page
background image
Figure 36. VRS_FE_FILT_EN = 1
GADG1101181531PS
Figure 37. VRS_FE_FILT_EN = 0
GADG1101181534PS
15.2.5
VRS_B – Manual Hysteresis
To set the manual hysteresis on VRS_B configuration, bit VRS_CONF_MODE[0] has to be set to ‘0’. Hysteresis
value is manually set through VRS_HYST_CONF[2:0] of VRS register according to Table 48. VRS_A hysteresis
value. Such hysteresis is fixed until a new SPI programming occurs.
Default hysteresis current after exiting reset is HI1.
L9966
VRS - Normal mode
DS12459 - Rev 10
page 68/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More