Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9966 Fiches technique(PDF) 94 Page - STMicroelectronics

No de pièce L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Fiches technique(HTML) 94 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 90Page - STMicroelectronics L9966 Datasheet HTML 91Page - STMicroelectronics L9966 Datasheet HTML 92Page - STMicroelectronics L9966 Datasheet HTML 93Page - STMicroelectronics L9966 Datasheet HTML 94Page - STMicroelectronics L9966 Datasheet HTML 95Page - STMicroelectronics L9966 Datasheet HTML 96Page - STMicroelectronics L9966 Datasheet HTML 97Page - STMicroelectronics L9966 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 122 page
background image
16.15
WAK_MSK
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Address:
0b0100_0000
Description:
Wake-up source mask register
Table 67. WAK_MSK register bit description
Range
Field name/description
Reset Value
Reset Event
[15] Parity
Default
[14:0] MSK_IN
IOx WAKE SOURCES definition
1: IOx defined as WAKE source
0: IOx defined as no WAKE source
0
PORn
RSTn
L9966
WAK_MSK
DS12459 - Rev 10
page 94/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More