Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9966 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 42Page - STMicroelectronics L9966 Datasheet HTML 43Page - STMicroelectronics L9966 Datasheet HTML 44Page - STMicroelectronics L9966 Datasheet HTML 45Page - STMicroelectronics L9966 Datasheet HTML 46Page - STMicroelectronics L9966 Datasheet HTML 47Page - STMicroelectronics L9966 Datasheet HTML 48Page - STMicroelectronics L9966 Datasheet HTML 49Page - STMicroelectronics L9966 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 122 page
background image
A
open loop, INT generation
B
closed loop and INT generation in case the last SQNCR line points back to the same line of INT_EU1_CONF
C
closed loop and INT generation in case the last SQNCR line points back to a different line in respect of the one
of INT_EU1_CONF
In case of single conversion (SC), once it is completed, the interrupt is generated.
L9966
Interrupt generation
DS12459 - Rev 10
page 46/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More