Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9966 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 16Page - STMicroelectronics L9966 Datasheet HTML 17Page - STMicroelectronics L9966 Datasheet HTML 18Page - STMicroelectronics L9966 Datasheet HTML 19Page - STMicroelectronics L9966 Datasheet HTML 20Page - STMicroelectronics L9966 Datasheet HTML 21Page - STMicroelectronics L9966 Datasheet HTML 22Page - STMicroelectronics L9966 Datasheet HTML 23Page - STMicroelectronics L9966 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 122 page
background image
2.
Activation of SLEEP Mode. This is done by writing an activation code 3 times to the WAK_CONFIG register.
PB[1:0] are used to configure the PB time during the polling mode. PT[1:0] are used to configure the
P_TIMEOUT. Only consecutive write accesses are allowed. Any write or read access in-between will reset
the activation code.
Once IC enters in SLEEP mode, in order to save current consumption, the main oscillator is stopped and a
low power, lower frequency oscillator takes over, in order to guarantee the correct operation of the POLLING
operations.
L9966
SLEEP mode
DS12459 - Rev 10
page 20/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More