| Moteur de recherche de fiches techniques de composants électroniques |
|
ILPS22QSTR Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ILPS22QSTR Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 57 page ![]() 5.5 Bypass-to-continuous (dynamic-stream) mode In bypass-to-continuous (dynamic-stream) mode, (FIFO_CTRL (14h)(TRIG_MODES and F_MODE[1:0] = 110), FIFO operates in bypass mode until it switches to continuous (dynamic-stream) mode behavior when INT_SOURCE (24h)(IA) rises to 1, then FIFO behavior keeps behaving like in continuous (dynamic-stream) mode. An interrupt generator has to be set to the desired configuration through INTERRUPT_CFG (0Bh). Figure 12. Bypass-to-continuous (dynamic-stream) mode P1 P2 Pi empty P0 P127 P1 P2 Pi P0 P127 Bypass mode Dynamic-stream mode Trigger event P126 ILPS22QS Bypass-to-continuous (dynamic-stream) mode DS13431 - Rev 3 page 20/57 |