Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILPS22QSTR Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 49Page - STMicroelectronics ILPS22QSTR Datasheet HTML 50Page - STMicroelectronics ILPS22QSTR Datasheet HTML 51Page - STMicroelectronics ILPS22QSTR Datasheet HTML 52Page - STMicroelectronics ILPS22QSTR Datasheet HTML 53Page - STMicroelectronics ILPS22QSTR Datasheet HTML 54Page - STMicroelectronics ILPS22QSTR Datasheet HTML 55Page - STMicroelectronics ILPS22QSTR Datasheet HTML 56Page - STMicroelectronics ILPS22QSTR Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
List of figures
Figure 1.
Device architecture block diagram....................................................... 3
Figure 2.
Digital logic ...................................................................... 3
Figure 3.
Pin connections (bottom view) ......................................................... 4
Figure 4.
SPI slave timing diagram ............................................................. 9
Figure 5.
I²C slave timing diagram ............................................................ 10
Figure 6.
Pressure readings................................................................. 13
Figure 7.
Temperature readings .............................................................. 14
Figure 8.
Bypass mode .................................................................... 16
Figure 9.
FIFO mode ..................................................................... 17
Figure 10.
Continuous (dynamic-stream) mode .................................................... 18
Figure 11.
Bypass-to-FIFO mode .............................................................. 19
Figure 12.
Bypass-to-continuous (dynamic-stream) mode ............................................. 20
Figure 13.
Continuous (dynamic-stream)-to-FIFO mode .............................................. 21
Figure 14.
ILPS22QS electrical connections (top view) ............................................... 22
Figure 15.
AH (analog hub) / Qvar external connections to pin 5, pin 7 .................................... 22
Figure 16.
ILPS22QS power-off sequence........................................................ 23
Figure 17.
SPI read protocol ................................................................. 27
Figure 18.
Multiple byte SPI read protocol (2-byte example)............................................ 27
Figure 19.
SPI write protocol ................................................................. 28
Figure 20.
Multiple byte SPI write protocol (2-byte example) ........................................... 28
Figure 21.
SPI read protocol in 3-wire mode ...................................................... 29
Figure 22.
“Threshold-based” interrupt event ...................................................... 34
Figure 23.
One-point calibration ............................................................... 43
Figure 24.
HLGA-10L (2.0 x 2.0 x 0.73 mm typ.) package outline and mechanical dimensions .................... 48
Figure 25.
Carrier tape information for HLGA-10L package ............................................ 49
Figure 26.
HLGA-10L package orientation in carrier tape.............................................. 49
Figure 27.
Reel information for carrier tape of HLGA-10L package ....................................... 50
ILPS22QS
List of figures
DS13431 - Rev 3
page 56/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57