| Moteur de recherche de fiches techniques de composants électroniques |
|
ILPS22QSTR Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ILPS22QSTR Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 57 page ![]() 4.5 Interpreting temperature readings The temperature data are stored in two registers: TEMP_OUT_H (2Ch) and TEMP_OUT_L (2Bh). The value is expressed as two's complement. To obtain the temperature in °C, take the two’s complement of the complete 16-bit word and then divide by the sensitivity 100 LSB/°C. Figure 7. Temperature readings 0 0 0 0 1 0 0 1 1 1 0 0 0 1 0 0 TEMP_OUT_H TEMP_OUT_L Temperature value (LSB) = TEMP_OUT_H (2Ch) & TEMP_OUT_L (2Bh) = 09C4 = 2500 LSB (decimal signed) Temperature (°C) = Temperature Value (LSB) Sensitivity = 2500 LSB 100 LSB/°C = 25.00°C ILPS22QS Interpreting temperature readings DS13431 - Rev 3 page 14/57 |