| Moteur de recherche de fiches techniques de composants électroniques |
|
ILPS22QSTR Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ILPS22QSTR Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 57 page ![]() 5.2 FIFO mode In FIFO mode (FIFO_CTRL (14h)(TRIG_MODES and F_MODE[1:0] = 001) data from the output PRESS_OUT_XL (28h), PRESS_OUT_L (29h), and PRESS_OUT_H (2Ah) are stored in the FIFO until it is full. To reset FIFO content, in order to select bypass mode the value 000 must be written in FIFO_CTRL (14h) (TRIG_MODE & F_MODE[1:0]). After this reset command, it is possible to restart FIFO mode by writing the value 001 in FIFO_CTRL (14h)(TRIG_MODE & F_MODE[1:0]). The FIFO buffer memorizes 128 levels of data, but the depth of the FIFO can be resized/reduced by setting the FIFO_CTRL (14h)(STOP_ON_WTM) bit. If the STOP_ON_WTM bit is set to 1, FIFO depth is limited to FIFO_WTM (15h)(WTM[6:0]) data. Figure 9. FIFO mode P1 P2 Pi P0 P127 ILPS22QS FIFO mode DS13431 - Rev 3 page 17/57 |