Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILPS22QSTR Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 45Page - STMicroelectronics ILPS22QSTR Datasheet HTML 46Page - STMicroelectronics ILPS22QSTR Datasheet HTML 47Page - STMicroelectronics ILPS22QSTR Datasheet HTML 48Page - STMicroelectronics ILPS22QSTR Datasheet HTML 49Page - STMicroelectronics ILPS22QSTR Datasheet HTML 50Page - STMicroelectronics ILPS22QSTR Datasheet HTML 51Page - STMicroelectronics ILPS22QSTR Datasheet HTML 52Page - STMicroelectronics ILPS22QSTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
10.2
HLGA-10L packing information
Figure 25. Carrier tape information for HLGA-10L package
1.00 MIN
12.00 +-
0.3
0.1
1.50 +0.1
0.0
2.00±0.05 SEE NOTE 2
4.00 SEE NOTE 1
1.75±0.10
4.00
5.50±0.05
SEE NOTE 2
B
B
A
A
SCALE 1:1
Ko
0.30±0.05
R 0.20 MAX
Bo
SECTION B-B
Ao
SECTION A-A
R0.25
0.13
0.13
DETAIL D
SCALE 6:1
SCALE 12 : 1
DIM
±
Ao
2.20
0.05
Bo
2.20
0.05
Ko
1.00
0.10
NOTES:
10 SPROCKET HOLE PITCH CUMULATIVE TOLERANCE ±0.2
1.
POCKET POSITION RELATIVE TO SPROCKET HOLE MEASURED AS TRUE POSITION OF POCKET, NOT
2.
POCKET HOLE.
Ao AND Bo ARE MEASURED ON A PLANE AT A DISTANCE "R" ABOVE THE BOTTOM OF THE POCKET.
3.
Figure 26. HLGA-10L package orientation in carrier tape
ILPS22QS
HLGA-10L packing information
DS13431 - Rev 3
page 49/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57