| Moteur de recherche de fiches techniques de composants électroniques |
|
ILPS22QSTR Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ILPS22QSTR Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 57 page ![]() 4.4 Interpreting pressure readings The pressure data are stored in three registers: PRESS_OUT_H (2Ah), PRESS_OUT_L (29h), and PRESS_OUT_XL (28h). The value is expressed as a 24-bit signed number (in two's complement). To obtain the pressure in hPa, take the complete 24-bit word and then divide by the sensitivity 4096 LSB/hPa when the FS_MODE bit is 0 (in mode 1, full scale is up to 1260 hPa) or divide by the sensitivity 2096 LSB/hPa when the FS_MODE bit is 1 (in mode 2, full scale is up to 4060 hPa). This same interpretation is applied to pressure readings when FIFO is enabled and the pressure data are stored in three registers:FIFO_DATA_OUT_PRESS_XL (78h), FIFO_DATA_OUT_PRESS_L (79h), and FIFO_DATA_OUT_PRESS_H (7Ah). Figure 6. Pressure readings (1) PressureValue=PRESS_OUT_H2Aℎ &PRESS_OUT_L29ℎ &PRESS_OUT_XL 28ℎ =3FF58Dℎ=4191629LSB signeddecimal (2) When FS_MODE bit = 0 (CTRL_REG2 (11h)), for full scale up to 1260 hPa: Pressure ℎPA =Pressurevalue LSB Sensitivity = 4191629LSB 4096LSB/ℎPA=1023.3ℎPA When FS_MODE bit = 1 (CTRL_REG2 (11h)), for full scale up to 4060 hPa: Pressure ℎPA =Pressurevalue LSB Sensitivity = 4191629LSB 2048LSB/ℎPA=2046.7ℎPA ILPS22QS Interpreting pressure readings DS13431 - Rev 3 page 13/57 |