Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILPS22QSTR Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce ILPS22QSTR
Description  Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ILPS22QSTR Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button ILPS22QSTR Datasheet HTML 11Page - STMicroelectronics ILPS22QSTR Datasheet HTML 12Page - STMicroelectronics ILPS22QSTR Datasheet HTML 13Page - STMicroelectronics ILPS22QSTR Datasheet HTML 14Page - STMicroelectronics ILPS22QSTR Datasheet HTML 15Page - STMicroelectronics ILPS22QSTR Datasheet HTML 16Page - STMicroelectronics ILPS22QSTR Datasheet HTML 17Page - STMicroelectronics ILPS22QSTR Datasheet HTML 18Page - STMicroelectronics ILPS22QSTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
5
FIFO
The ILPS22QS embeds 128 slots of 24-bit data FIFO to store the pressure output values. This allows consistent
power saving for the system, since the host processor does not need to continuously poll data from the sensor,
but it can wake up only when needed and burst the significant data out from the FIFO. This buffer can work
according to six different modes:
•
Bypass mode
•
FIFO mode
•
Continuous (dynamic-stream) mode
•
Continuous (dynamic-stream)-to-FIFO mode
•
Bypass-to-continuous (dynamic-stream)
•
Bypass-to-FIFO mode
The FIFO buffer is enabled when a configuration different from all bits 0 are written in FIFO_CTRL (14h) and
each mode is selected by the TRIG_MODES bit and F_MODE[1:0] bits in FIFO_CTRL (14h). Programmable
FIFO threshold status, FIFO overrun events and the number of unread samples stored are available in the
FIFO_STATUS1 (25h) and FIFO_STATUS2 (26h) registers.
FIFO_STATUS2 (26h)(FIFO_WTM_IA) goes to 1 when the number of unread samples (FIFO_STATUS1 (25h)
(FSS[7:0]) is greater than or equal to WTM[6:0] in FIFO_WTM (15h). If FIFO_WTM (15h)(WTM[6:0]) is equal to 0,
FIFO_STATUS2 (26h)(FIFO_WTM_IA) stays at 0.
FIFO_STATUS2 (26h)(FIFO_OVR_IA) is equal to 1 if a FIFO slot is overwritten.
FIFO_STATUS1 (25h)(FSS[7:0]) contains stored data levels of unread samples; when FSS[7:0] is equal to
00000000, FIFO is empty; when FSS[7:0] is equal to 10000000, FIFO is full and the unread samples are 128.
ILPS22QS
FIFO
DS13431 - Rev 3
page 15/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57