| Moteur de recherche de fiches techniques de composants électroniques |
|
ILPS22QSTR Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ILPS22QSTR Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 57 page ![]() 5.3 Continuous (dynamic-stream) mode In continuous (dynamic-stream) mode, (FIFO_CTRL (14h)(TRIG_MODES and F_MODE[1:0] = 011) after emptying the FIFO, the first new sample that arrives becomes the first to be read in a subsequent read burst. In this way, the number of new data available in FIFO does not depend on the previous read. In continuous (dynamic-stream) mode, FIFO_STATUS1 (25h)(FSS[7:0]) is the number of new pressure samples available in the FIFO buffer. Continuous (dynamic-stream) mode is used to read FIFO_STATUS1 (25h)(FSS[7:0]) samples when it is not possible to guarantee reading data within 1/ODR time period. Figure 10. Continuous (dynamic-stream) mode ILPS22QS Continuous (dynamic-stream) mode DS13431 - Rev 3 page 18/57 |