| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA2117DUGS/DA Fiches technique(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA2117DUGS/DA Fiches technique(HTML) 94 Page - NXP Semiconductors |
|
94 / 107 page ![]() PCA2117 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4 — 8 April 2015 94 of 107 NXP Semiconductors PCA2117 Automotive LCD driver for character displays 17. Handling information All input and output pins are protected against ElectroStatic Discharge (ESD) under normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent standards. Table 56. Alignment marking All x/y coordinates represent the position of the REF point (see Figure 62) with respect to the center (x/y = 0) of the chip; see Figure 61. Symbol Size ( m) X ( m) Y ( m) S1 90 90 2585.0 36.0 C1 90 90 2522.0 36 |