Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2117DUGS/DA Fiches technique(PDF) 90 Page - NXP Semiconductors

No de pièce PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Fiches technique(HTML) 90 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 86Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 87Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 88Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 89Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 90Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 91Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 92Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 93Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
90 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
Table 54.
Dimensions of PCA2117DUGx
Original dimensions are in mm.
Unit (mm)
A
A1
A2
b
D
E
e
e1
L
max
-
0.018
--
---
--
nom
0.395
0.015
0.38
0.025
5.64
1.24
0.040
0.114
0.1
min
-
0.012
--
---
--
Table 55.
Bump locations of PCA2117DUGx
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 61
Symbol
Pin Coordinates
Pitch
Symbol
Pin Coordinates
Pitch
X (µm)
Y (µm)
X (µm)
X (µm)
Y (µm)
X (µm)
R13
1
2711.3 509.0
-
R4
119 2681.5
509.0
-
2
2666.3 509.0
45.0
120 2636.5
509.0
45.0
3
2621.3 509.0
45.0
121 2591.5
509.0
45.0
R14
4
2576.3 509.0
45.0
R3
122 2546.5
509.0
45.0
5
2531.3 509.0
45.0
123 2501.5
509.0
45.0
R15
6
2486.3 509.0
45.0
R2
124 2456.5
509.0
45.0
7
2441.3 509.0
45.0
125 2411.5
509.0
45.0
R16
8
2396.3 509.0
45.0
R1
126 2366.5
509.0
45.0
9
2351.3 509.0
45.0
127 2321.5
509.0
45.0
VLCDIN
10
2242.7 509.0
108.6 R0
128 2276.5
509.0
45.0
11
2197.7 509.0
45.0
129 2231.5
509.0
45.0
12
2152.7 509.0
45.0
R17
130 2186.5
509.0
45.0
13
2107.7 509.0
45.0
131 2141.5
509.0
45.0
VLCDSENSE 14
2062.7 509.0
45.0
C99
132 2027.9
509.0
113.6
15
2017.7 509.0
45.0
C98
133 1987.9
509.0
40.0
16
1972.7 509.0
45.0
C97
134 1947.9
509.0
40.0
VLCDOUT
17
1927.7 509.0
45.0
C96
135 1907.9
509.0
40.0
18
1882.7 509.0
45.0
C95
136 1867.9
509.0
40.0
19
1837.7 509.0
45.0
C94
137 1827.9
509.0
40.0
20
1792.7 509.0
45.0
C93
138 1787.9
509.0
40.0
VSS2
21
1747.7 509.0
45.0
C92
139 1747.9
509.0
40.0
22
1702.7 509.0
45.0
C91
140 1707.9
509.0
40.0
23
1657.7 509.0
45.0
C90
141 1667.9
509.0
40.0
24
1612.7 509.0
45.0
C89
142 1627.9
509.0
40.0
25
1567.7 509.0
45.0
C88
143 1587.9
509.0
40.0
26
1522.7 509.0
45.0
C87
144 1547.9
509.0
40.0
27
1477.7 509.0
45.0
C86
145 1507.9
509.0
40.0
28
1432.7 509.0
45.0
C85
146 1467.9
509.0
40.0
29
1387.7 509.0
45.0
C84
147 1427.9
509.0
40.0
30
1342.7 509.0
45.0
C83
148 1387.9
509.0
40.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More