Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2117DUGS/DA Fiches technique(PDF) 46 Page - NXP Semiconductors

No de pièce PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Fiches technique(HTML) 46 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 42Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 43Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 44Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 45Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 46Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 47Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 48Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 49Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
46 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
It is important to match the module properties to those of the driver in order to achieve
optimum performance.
8.4.7 LCD drive mode waveforms
The PCA2117 contains 18 row and 100 column drivers, which drive the appropriate LCD
bias voltages in sequence to the display and in accordance with the data to be displayed.
R16 and R17 drive the icon rows. Unused outputs should be left open.
The bias voltages and the timing are automatically selected when the number of lines in
the display is selected. Figure 27 to Figure 29 show typical waveforms.
Fig 26. Electro-optical characteristic: relative transmission curve of the liquid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More