Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2117DUGS/DA Fiches technique(PDF) 27 Page - NXP Semiconductors

No de pièce PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Fiches technique(HTML) 27 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 23Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 24Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 25Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 26Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 27Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 28Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 29Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 30Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
27 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.2 Start-up and shut-down
8.2.1 Initialization
The first command sent to the device after power-on or a reset by using the RST pin must
be the Initialize command (see Section 8.1.1.2).
The Initialize command resets the PCA2117 to the following starting conditions:
1. All row and column driver outputs are set to VSS1.
2. Selected drive mode is the 1
 40 character mode.
3. The address counter is cleared (set logic 0).
4. Temperature measurement is disabled.
5. Temperature filter is disabled.
6. The internal VLCD voltage generation is disabled. The charge pump is switched off.
7. The VLCD temperature compensation is disabled.
8. The display is disabled.
The reset state is as shown in Table 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More