Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2117DUGS/DA Fiches technique(PDF) 14 Page - NXP Semiconductors

No de pièce PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Fiches technique(HTML) 14 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 10Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 11Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 12Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 13Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 14Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 15Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 16Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 17Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
14 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.1.1.9
Command: Sel_mem_bank
The Sel_mem_bank command determines which memory to access.
[1]
Default value.
8.1.1.10
Command: Set_mem_addr
The Set_mem_addr command allows setting the RAM address in the address counter to
access. The Sel_mem_bank command (see Section 8.1.1.9) determines whether to
access the CGRAM, DDRAM, or ICON-RAM.
[1]
Default value.
Table 14.
Sel_mem_bank - RAM access configuration command
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 3
-
00010
fixed value
2 to 0
SMB[2:0]
RAM access select
000[1]
DDRAM is selected
001
column 0 (0000) of CGRAM is selected
010
column 1 (0001) of CGRAM is selected
011
column 2 (0010) of CGRAM is selected
100
ICON-RAM is selected
101
CGROM
110 to 111
not implemented
Table 15.
Set_mem_addr - memory address command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7
-
1
fixed value
6 to 0
ADD[6:0]
0000000[1] to
1111111
RAM address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More