Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2117DUGS/DA Fiches technique(PDF) 92 Page - NXP Semiconductors

No de pièce PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Fiches technique(HTML) 92 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 88Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 89Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 90Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 91Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 92Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 93Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 94Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 95Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
92 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
VDD2
66
277.3
509.0
45.0
C47
184
113.1
509.0
40.0
67
322.3
509.0
45.0
C46
185
153.1
509.0
40.0
68
367.3
509.0
45.0
C45
186
193.1
509.0
40.0
69
412.3
509.0
45.0
C44
187
233.1
509.0
40.0
70
457.3
509.0
45.0
C43
188
273.1
509.0
40.0
71
502.3
509.0
45.0
C42
189
313.1
509.0
40.0
72
547.3
509.0
45.0
C41
190
353.1
509.0
40.0
73
592.3
509.0
45.0
C40
191
393.1
509.0
40.0
PD
74
637.3
509.0
45.0
C39
192
433.1
509.0
40.0
75
682.3
509.0
45.0
C38
193
473.1
509.0
40.0
T3
76
727.3
509.0
45.0
C37
194
513.1
509.0
40.0
77
772.3
509.0
45.0
C36
195
553.1
509.0
40.0
78
817.3
509.0
45.0
C35
196
593.1
509.0
40.0
79
862.3
509.0
45.0
C34
197
633.1
509.0
40.0
80
907.3
509.0
45.0
C33
198
673.1
509.0
40.0
PWROUT
81
952.3
509.0
45.0
C32
199
713.1
509.0
40.0
82
997.3
509.0
45.0
C31
200
753.1
509.0
40.0
PWRIN
83
1042.3
509.0
45.0
C30
201
793.1
509.0
40.0
84
1087.3
509.0
45.0
C29
202
894.1
509.0
101.0
85
1132.3
509.0
45.0
C28
203
934.1
509.0
40.0
86
1177.3
509.0
45.0
C27
204
974.1
509.0
40.0
87
1222.3
509.0
45.0
C26
205
1014.1 509.0
40.0
88
1267.3
509.0
45.0
C25
206
1054.1 509.0
40.0
89
1312.3
509.0
45.0
C24
207
1094.1 509.0
40.0
CE
90
1357.3
509.0
45.0
C23
208
1134.1 509.0
40.0
91
1402.3
509.0
45.0
C22
209
1174.1 509.0
40.0
CLK
92
1447.3
509.0
45.0
C21
210
1214.1 509.0
40.0
93
1492.3
509.0
45.0
C20
211
1254.1 509.0
40.0
94
1537.3
509.0
45.0
C19
212
1294.1 509.0
40.0
RST
95
1582.3
509.0
45.0
C18
213
1334.1 509.0
40.0
96
1627.3
509.0
45.0
C17
214
1374.1 509.0
40.0
SDI/SDAIN
97
1672.3
509.0
45.0
C16
215
1414.1 509.0
40.0
98
1717.3
509.0
45.0
C15
216
1454.1 509.0
40.0
99
1762.3
509.0
45.0
C14
217
1494.1 509.0
40.0
SDO
100 1807.3
509.0
45.0
C13
218
1534.1 509.0
40.0
101 1852.3
509.0
45.0
C12
219
1574.1 509.0
40.0
Table 55.
Bump locations of PCA2117DUGx …continued
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 61
Symbol
Pin Coordinates
Pitch
Symbol
Pin Coordinates
Pitch
X (µm)
Y (µm)
X (µm)
X (µm)
Y (µm)
X (µm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More