| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA2117DUGS/DA Fiches technique(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA2117DUGS/DA Fiches technique(HTML) 91 Page - NXP Semiconductors |
|
91 / 107 page ![]() PCA2117 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4 — 8 April 2015 91 of 107 NXP Semiconductors PCA2117 Automotive LCD driver for character displays VSS3 31 1297.7 509.0 45.0 C82 149 1347.9 509.0 40.0 32 1252.7 509.0 45.0 C81 150 1307.9 509.0 40.0 33 1207.7 509.0 45.0 C80 151 1267.9 509.0 40.0 34 1162.7 509.0 45.0 C79 152 1227.9 509.0 40.0 VSS1 35 1117.7 509.0 45.0 C78 153 1187.9 509.0 40.0 36 1072.7 509.0 45.0 C77 154 1147.9 509.0 40.0 37 1027.7 509.0 45.0 C76 155 1107.9 509.0 40.0 38 982.7 509.0 45.0 C75 156 1067.9 509.0 40.0 39 937.7 509.0 45.0 C74 157 1027.9 509.0 40.0 40 892.7 509.0 45.0 C73 158 987.9 509.0 40.0 41 847.7 509.0 45.0 C72 159 947.9 509.0 40.0 42 802.7 509.0 45.0 C71 160 907.9 509.0 40.0 43 757.7 509.0 45.0 C70 161 867.9 509.0 40.0 44 712.7 509.0 45.0 C69 162 827.9 509.0 40.0 45 667.7 509.0 45.0 C68 163 787.9 509.0 40.0 46 622.7 509.0 45.0 C67 164 747.9 509.0 40.0 47 577.7 509.0 45.0 C66 165 707.9 509.0 40.0 T1 48 532.7 509.0 45.0 C65 166 606.9 509.0 101.0 49 487.7 509.0 45.0 C64 167 566.9 509.0 40.0 T2 50 442.7 509.0 45.0 C63 168 526.9 509.0 40.0 51 397.7 509.0 45.0 C62 169 486.9 509.0 40.0 T4 52 352.7 509.0 45.0 C61 170 446.9 509.0 40.0 53 307.7 509.0 45.0 C60 171 406.9 509.0 40.0 54 262.7 509.0 45.0 C59 172 366.9 509.0 40.0 OSC 55 217.7 509.0 45.0 C58 173 326.9 509.0 40.0 56 172.7 509.0 45.0 C57 174 286.9 509.0 40.0 SA0 57 127.7 509.0 45.0 C56 175 246.9 509.0 40.0 58 82.7 509.0 45.0 C55 176 206.9 509.0 40.0 IFS 59 37.7 509.0 45.0 C54 177 166.9 509.0 40.0 60 7.3 509.0 45.0 C53 178 126.9 509.0 40.0 VDD1 61 52.3 509.0 45.0 C52 179 86.9 509.0 40.0 62 97.3 509.0 45.0 C51 180 46.9 509.0 40.0 63 142.3 509.0 45.0 C50 181 6.9 509.0 40.0 64 187.3 509.0 45.0 C49 182 33.1 509.0 40.0 65 232.3 509.0 45.0 C48 183 73.1 509.0 40.0 Table 55. Bump locations of PCA2117DUGx …continued All x/y coordinates represent the position of the center of each bump with respect to the center (x/y = 0) of the chip; see Figure 61 Symbol Pin Coordinates Pitch Symbol Pin Coordinates Pitch X (µm) Y (µm) X (µm) X (µm) Y (µm) X (µm) |