Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2117DUGS/DA Fiches technique(PDF) 50 Page - NXP Semiconductors

No de pièce PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Fiches technique(HTML) 50 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 46Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 47Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 48Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 49Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 50Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 51Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 52Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 53Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
50 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.5 Display data RAM and ROM
The PCA2117 has a CGROM containing the character set, a CGRAM for user-defined
characters, an ICON-RAM for user-defined icons and a DDRAM which contains the
display data from the CGROM and CGRAM. There is a one-to-one correspondence
between the bits in the DDRAM and the LCD elements. The whole dataflow is exemplified
in Figure 30.
Fig 30. Dataflow from CGROM, CGRAM and ICON-RAM to the display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More