Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2117DUGS/DA Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 4Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 5Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 6Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 7Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 8Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 9Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 10Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 11Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
8 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
8.
Functional description
8.1 Commands of PCA2117
The commands defined in Table 5 control the PCA2117.
The sequence to execute a command is like shown in Table 4:
[1]
More about the slave address, see Section 9.2.7.
[2]
See Section 9.2.7 and Section 9.3.1.
[3]
See Section 9.1.
[4]
More about the subaddress, see Section 9.3.1.
Remark: Any other combinations of operation code bits that are not mentioned in this
document can lead to undesired operation modes of PCA2117.
Table 4.
Command execution sequence
Bus
Byte 1
Byte 2
Byte 3
I2C
slave address[1] + R/W[2]
CO + RS[1:0][3]
command
SPI
R/W[2] + subaddress[4]
CO + RS[1:0][3]
command
Table 5.
Commands of PCA2117
Command name
R/W Register
select
Bits
Reference
RS[1:0]
7
6
5
4
3
2
1
0
General control commands
Register_update
0
0
0
0
0
0
0
0
0
0
0
Section 8.1.1.1
Initialize
00
000
001
Section 8.1.1.2
Clear_reset_flag
0
0
0
1
1
1
1
1
Section 8.1.1.3
OTP_refresh
00
000
010
Section 8.1.1.4
Clock_out_ctrl
00
100
00COE
Section 8.1.1.5
Read_reg_select
0
0
0
0
0
1
XC
SO
Section 8.1.1.6
Read_status_reg
1
TD[7:0]
Section 8.1.1.7
CS[7:0]
Status_Register_1 to Status_Register_9
RAM_ROM_config
0
01
010
0RR[1:0]
Section 8.1.1.8
Sel_mem_bank
0
0
0
1
0
SMB[2:0]
Section 8.1.1.9
Set_mem_addr
1
ADD[6:0]
Section 8.1.1.10
Read_data
1
0
1
RD[7:0]
Section 8.1.1.11
00
0RD[4:0]
Write_data
0
WD[7:0]
Section 8.1.1.12
00
0WD[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More