Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 143 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 143 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 139Page - NXP Semiconductors HCS08 Datasheet HTML 140Page - NXP Semiconductors HCS08 Datasheet HTML 141Page - NXP Semiconductors HCS08 Datasheet HTML 142Page - NXP Semiconductors HCS08 Datasheet HTML 143Page - NXP Semiconductors HCS08 Datasheet HTML 144Page - NXP Semiconductors HCS08 Datasheet HTML 145Page - NXP Semiconductors HCS08 Datasheet HTML 146Page - NXP Semiconductors HCS08 Datasheet HTML 147Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 374 page
background image
Analog-to-Digital Converter (S08ADC12V1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
143
In 10-bit mode, the ADCCVH register holds the upper two bits of the 10-bit compare value (ADCV[9:8]).
These bits are compared to the upper two bits of the result following a conversion in 10-bit mode when the
compare function is enabled.
In 8-bit mode, ADCCVH is not used during compare.
10.3.6
Compare Value Low Register (ADCCVL)
This register holds the lower 8 bits of the 12-bit or 10-bit compare value or all 8 bits of the 8-bit compare
value. When the compare function is enabled, bits ADCV[7:0] are compared to the lower 8 bits of the
result following a conversion in 12-bit, 10-bit or 8-bit mode.
10.3.7
Configuration Register (ADCCFG)
ADCCFG selects the mode of operation, clock source, clock divide, and configures for low power and long
sample time.
76
54
3
2
10
R
ADCV7
ADCV6
ADCV5
ADCV4
ADCV3
ADCV2
ADCV1
ADCV0
W
Reset:
00
00
0
0
00
Figure 10-8. Compare Value Low Register (ADCCVL)
76
54
3
2
10
R
ADLPC
ADIV
ADLSMP
MODE
ADICLK
W
Reset:
00
00
0
0
00
Figure 10-9. Configuration Register (ADCCFG)
Table 10-6. ADCCFG Register Field Descriptions
Field
Description
7
ADLPC
Low-Power Configuration. ADLPC controls the speed and power configuration of the successive approximation
converter. This optimizes power consumption when higher sample rates are not required.
0 High speed configuration
1 Low power configuration:The power is reduced at the expense of maximum clock speed.
6:5
ADIV
Clock Divide Select. ADIV selects the divide ratio used by the ADC to generate the internal clock ADCK.
Table 10-7 shows the available clock configurations.
4
ADLSMP
Long Sample Time Configuration. ADLSMP selects between long and short sample time. This adjusts the
sample period to allow higher impedance inputs to be accurately sampled or to maximize conversion speed for
lower impedance inputs. Longer sample times can also be used to lower overall power consumption when
continuous conversions are enabled if high conversion rates are not required.
0 Short sample time
1 Long sample time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com