Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 94 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 94 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 90Page - NXP Semiconductors HCS08 Datasheet HTML 91Page - NXP Semiconductors HCS08 Datasheet HTML 92Page - NXP Semiconductors HCS08 Datasheet HTML 93Page - NXP Semiconductors HCS08 Datasheet HTML 94Page - NXP Semiconductors HCS08 Datasheet HTML 95Page - NXP Semiconductors HCS08 Datasheet HTML 96Page - NXP Semiconductors HCS08 Datasheet HTML 97Page - NXP Semiconductors HCS08 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 374 page
background image
Chapter 6 Parallel Input/Output
MC9S08JM60 Series Data Sheet, Rev. 5
94
Freescale Semiconductor
6.5.11
Port F I/O Registers (PTFD and PTFDD)
Port F parallel I/O function is controlled by the registers listed below.
6.5.12
Port F Pin Control Registers (PTFPE, PTFSE, PTFDS)
In addition to the I/O control, port F pins are controlled by the registers listed below.
76
54
321
0
R
PTFD7
PTFD6
PTFD5
PTFD4
PTFD3
PTFD2
PTFD1
PTFD0
W
Reset
000
00
000
Figure 6-27. Port F Data Register (PTFD)
Table 6-26. PTFD Register Field Descriptions
Field
Description
7:0
PTFD[7:0]
Port F Data Register Bits— For port F pins that are inputs, reads return the logic level on the pin. For port F
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port F pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTFD to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pullups disabled.
76
54
321
0
R
PTFDD7
PTFDD6
PTFDD5
PTFDD4
PTFDD3
PTFDD2
PTFDD1
PTFDD0
W
Reset
000
00
000
Figure 6-28. Data Direction for Port F (PTFDD)
Table 6-27. PTFDD Register Field Descriptions
Field
Description
7:0
PTFDD[7:0]
Data Direction for Port F Bits — These read/write bits control the direction of port F pins and what is read for
PTFD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port F bit n and PTFD reads return the contents of PTFDn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com