Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 140 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 140 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 136Page - NXP Semiconductors HCS08 Datasheet HTML 137Page - NXP Semiconductors HCS08 Datasheet HTML 138Page - NXP Semiconductors HCS08 Datasheet HTML 139Page - NXP Semiconductors HCS08 Datasheet HTML 140Page - NXP Semiconductors HCS08 Datasheet HTML 141Page - NXP Semiconductors HCS08 Datasheet HTML 142Page - NXP Semiconductors HCS08 Datasheet HTML 143Page - NXP Semiconductors HCS08 Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 374 page
background image
Analog-to-Digital Converter (S08ADC12V1)
MC9S08JM60 Series Data Sheet, Rev. 5
140
Freescale Semiconductor
76
54
3
2
10
RCOCO
AIEN
ADCO
ADCH
W
Reset:
00
01
1
1
11
Figure 10-3. Status and Control Register (ADCSC1)
Table 10-3. ADCSC1 Field Descriptions
Field
Description
7
COCO
Conversion Complete Flag. The COCO flag is a read-only bit set each time a conversion is completed when the
compare function is disabled (ACFE = 0). When the compare function is enabled (ACFE = 1), the COCO flag is
set upon completion of a conversion only if the compare result is true. This bit is cleared when ADCSC1 is written
or when ADCRL is read.
0 Conversion not completed
1 Conversion completed
6
AIEN
Interrupt Enable AIEN enables conversion complete interrupts. When COCO becomes set while AIEN is high,
an interrupt is asserted.
0 Conversion complete interrupt disabled
1 Conversion complete interrupt enabled
5
ADCO
Continuous Conversion Enable. ADCO enables continuous conversions.
0 One conversion following a write to the ADCSC1 when software triggered operation is selected, or one
conversion following assertion of ADHWT when hardware triggered operation is selected.
1 Continuous conversions initiated following a write to ADCSC1 when software triggered operation is selected.
Continuous conversions are initiated by an ADHWT event when hardware triggered operation is selected.
4:0
ADCH
Input Channel Select. The ADCH bits form a 5-bit field that selects one of the input channels. The input channels
are detailed in Table 10-4.
The successive approximation converter subsystem is turned off when the channel select bits are all set. This
feature allows for explicit disabling of the ADC and isolation of the input channel from all sources. Terminating
continuous conversions this way prevents an additional, single conversion from being performed. It is not
necessary to set the channel select bits to all ones to place the ADC in a low-power state when continuous
conversions are not enabled because the module automatically enters a low-power state when a conversion
completes.
Table 10-4. Input Channel Select
ADCH
Input Select
00000–01111
AD0–15
10000–11011
AD16–27
11100
Reserved
11101
VREFH
11110
VREFL
11111
Module disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com