Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 2Page - NXP Semiconductors HCS08 Datasheet HTML 3Page - NXP Semiconductors HCS08 Datasheet HTML 4Page - NXP Semiconductors HCS08 Datasheet HTML 5Page - NXP Semiconductors HCS08 Datasheet HTML 6Page - NXP Semiconductors HCS08 Datasheet HTML 7Page - NXP Semiconductors HCS08 Datasheet HTML 8Page - NXP Semiconductors HCS08 Datasheet HTML 9Page - NXP Semiconductors HCS08 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 374 page
background image
Revision History
To provide the most up-to-date information, the revision of our documents on the World Wide Web will be
the most current. Your printed copy may be an earlier revision. To verify you have the latest information
available, refer to:
http://freescale.com/
The following revision history table summarizes changes contained in this document.
Revision
Number
Revision
Date
Description of Changes
1
11/27/2007
Initial release
2
3/4/2008
Changed the location of RS to connect to EXTAL in Figure 2-4.
Changed port rise and fall time in Table A-13.
Added DC injection current and RAM retention voltage in Table A-6.
Deleted note on 625 ns of item 17 in Table A-12.
Moved Bandgap Voltage Reference item from Table A-8 to Table A-6.
Added one paragraph on how to improve accuracy to Section 10.1.1.5,
“Temperature Sensor.”
3
1/21/2009
Changed the VTEMP25 from 1.396 mV to 1.396 V in Table A-10.
Complete the EMC data in Section A.15, “EMC Performance.”
Revised the Typo in Table 11-4.
4
2/21/2010
Changed the location of RS to connect to XTAL in Figure 2-4.
5
10/2014
Updated tLPO in Table A-13.
This product incorporates SuperFlash® technology licensed from SST.
Freescale™ and the Freescale logo are trademarks of Freescale Semiconductor, Inc.
© Freescale Semiconductor, Inc., 2007-2014. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com