| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 43 Page - NXP Semiconductors |
|
43 / 374 page ![]() Chapter 4 Memory MC9S08JM60 Series Data Sheet, Rev. 5 Freescale Semiconductor 43 4.2 Register Addresses and Bit Assignments The registers in the MC9S08JM60 series are divided into these three groups: • Direct-page registers are located in the first 176 locations in the memory map, so they are accessible with efficient direct addressing mode instructions. • High-page registers are used much less often, so they are located above 0x1800 in the memory map. This leaves more room in the direct page for more frequently used registers and variables. • The nonvolatile register area consists of a block of 16 locations in flash memory at 0xFFB0–0xFFBF. Nonvolatile register locations include: — Three values which are loaded into working registers at reset 0xFFCA:FFCB ADC Conversion Vadc 0xFFCC:FFCD KBI Vkeyboard 0xFFCE:FFCF SCI2 Transmit Vsci2tx 0xFFD0:FFD1 SCI2 Receive Vsci2rx 0xFFD2:FFD3 SCI2 Error Vsci2err 0xFFD4:FFD5 SCI1 Transmit Vsci1tx 0xFFD6:FFD7 SCI1 Receive Vsci1rx 0xFFD8:FFD9 SCI1 Error Vsci1err 0xFFDA:FFDB TPM2 Overflow Vtpm2ovf 0xFFDC:FFDD TPM2 Channel 1 Vtpm2ch1 0xFFDE:FFDF TPM2 Channel 0 Vtpm2ch0 0xFFE0:FFE1 TPM1 Overflow Vtpm1ovf 0xFFE2:FFE3 TPM1 Channel 5 Vtpm1ch5 0xFFE4:FFE5 TPM1 Channel 4 Vtpm1ch4 0xFFE6:FFE7 TPM1 Channel 3 Vtpm1ch3 0xFFE8:FFE9 TPM1 Channel 2 Vtpm1ch2 0xFFEA:FFEB TPM1 Channel 1 Vtpm1ch1 0xFFEC:FFED TPM1 Channel 0 Vtpm1ch0 0xFFEE:FFEF Reserved — 0xFFF0:FFF1 USB Status Vusb 0xFFF2:FFF3 SPI2 Vspi2 0xFFF4:FFF5 SPI1 Vspi1 0xFFF6:FFF7 MCG Loss of Lock Vlol 0xFFF8:FFF9 Low Voltage Detect Vlvd 0xFFFA:FFFB IRQ Virq 0xFFFC:FFFD SWI Vswi 0xFFFE:FFFF Reset Vreset Table 4-1. Reset and Interrupt Vectors (continued) Address (High/Low) Vector Vector Name |