Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 142 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 142 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 138Page - NXP Semiconductors HCS08 Datasheet HTML 139Page - NXP Semiconductors HCS08 Datasheet HTML 140Page - NXP Semiconductors HCS08 Datasheet HTML 141Page - NXP Semiconductors HCS08 Datasheet HTML 142Page - NXP Semiconductors HCS08 Datasheet HTML 143Page - NXP Semiconductors HCS08 Datasheet HTML 144Page - NXP Semiconductors HCS08 Datasheet HTML 145Page - NXP Semiconductors HCS08 Datasheet HTML 146Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 374 page
background image
Analog-to-Digital Converter (S08ADC12V1)
MC9S08JM60 Series Data Sheet, Rev. 5
142
Freescale Semiconductor
If the MODE bits are changed, any data in ADCRH becomes invalid.
10.3.4
Data Result Low Register (ADCRL)
ADCRL contains the lower eight bits of the result of a 12-bit or 10-bit conversion, and all eight bits of an
8-bit conversion. This register is updated each time a conversion completes except when automatic
compare is enabled and the compare condition is not met. In 12-bit and 10-bit mode, reading ADCRH
prevents the ADC from transferring subsequent conversion results into the result registers until ADCRL
is read. If ADCRL is not read until the after next conversion is completed, the intermediate conversion
results are lost. In 8-bit mode, there is no interlocking with ADCRH. If the MODE bits are changed, any
data in ADCRL becomes invalid.
10.3.5
Compare Value High Register (ADCCVH)
In 12-bit mode, the ADCCVH register holds the upper four bits of the 12-bit compare value. When the
compare function is enabled, these bits are compared to the upper four bits of the result following a
conversion in 12-bit mode.
76
54
3
2
10
R
0
0
0
0
ADR11
ADR10
ADR9
ADR8
W
Reset:
00
00
0
0
00
Figure 10-5. Data Result High Register (ADCRH)
76
54
3
2
10
R
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
W
Reset:
00
00
0
0
00
Figure 10-6. Data Result Low Register (ADCRL)
76
54
3
2
10
R0
0
0
0
ADCV11
ADCV10
ADCV9
ADCV8
W
Reset:
00
00
0
0
00
Figure 10-7. Compare Value High Register (ADCCVH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com