Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 147 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 147 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 143Page - NXP Semiconductors HCS08 Datasheet HTML 144Page - NXP Semiconductors HCS08 Datasheet HTML 145Page - NXP Semiconductors HCS08 Datasheet HTML 146Page - NXP Semiconductors HCS08 Datasheet HTML 147Page - NXP Semiconductors HCS08 Datasheet HTML 148Page - NXP Semiconductors HCS08 Datasheet HTML 149Page - NXP Semiconductors HCS08 Datasheet HTML 150Page - NXP Semiconductors HCS08 Datasheet HTML 151Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 374 page
background image
Analog-to-Digital Converter (S08ADC12V1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
147
10.4
Functional Description
The ADC module is disabled during reset or when the ADCH bits are all high. The module is idle when a
conversion has completed and another conversion has not been initiated. When idle, the module is in its
lowest power state.
The ADC can perform an analog-to-digital conversion on any of the software selectable channels. In 12-bit
and 10-bit mode, the selected channel voltage is converted by a successive approximation algorithm into
a 12-bit digital result. In 8-bit mode, the selected channel voltage is converted by a successive
approximation algorithm into a 9-bit digital result.
When the conversion is completed, the result is placed in the data registers (ADCRH and ADCRL). In
10-bit mode, the result is rounded to 10 bits and placed in the data registers (ADCRH and ADCRL). In
8-bit mode, the result is rounded to 8 bits and placed in ADCRL. The conversion complete flag (COCO)
is then set and an interrupt is generated if the conversion complete interrupt has been enabled (AIEN = 1).
The ADC module has the capability of automatically comparing the result of a conversion with the
contents of its compare registers. The compare function is enabled by setting the ACFE bit and operates
with any of the conversion modes and configurations.
Table 10-12. APCTL3 Register Field Descriptions
Field
Description
7
ADPC23
ADC Pin Control 23. ADPC23 controls the pin associated with channel AD23.
0 AD23 pin I/O control enabled
1 AD23 pin I/O control disabled
6
ADPC22
ADC Pin Control 22. ADPC22 controls the pin associated with channel AD22.
0 AD22 pin I/O control enabled
1 AD22 pin I/O control disabled
5
ADPC21
ADC Pin Control 21. ADPC21 controls the pin associated with channel AD21.
0 AD21 pin I/O control enabled
1 AD21 pin I/O control disabled
4
ADPC20
ADC Pin Control 20. ADPC20 controls the pin associated with channel AD20.
0 AD20 pin I/O control enabled
1 AD20 pin I/O control disabled
3
ADPC19
ADC Pin Control 19. ADPC19 controls the pin associated with channel AD19.
0 AD19 pin I/O control enabled
1 AD19 pin I/O control disabled
2
ADPC18
ADC Pin Control 18. ADPC18 controls the pin associated with channel AD18.
0 AD18 pin I/O control enabled
1 AD18 pin I/O control disabled
1
ADPC17
ADC Pin Control 17. ADPC17 controls the pin associated with channel AD17.
0 AD17 pin I/O control enabled
1 AD17 pin I/O control disabled
0
ADPC16
ADC Pin Control 16. ADPC16 controls the pin associated with channel AD16.
0 AD16 pin I/O control enabled
1 AD16 pin I/O control disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com