Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 50 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 50 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 46Page - NXP Semiconductors HCS08 Datasheet HTML 47Page - NXP Semiconductors HCS08 Datasheet HTML 48Page - NXP Semiconductors HCS08 Datasheet HTML 49Page - NXP Semiconductors HCS08 Datasheet HTML 50Page - NXP Semiconductors HCS08 Datasheet HTML 51Page - NXP Semiconductors HCS08 Datasheet HTML 52Page - NXP Semiconductors HCS08 Datasheet HTML 53Page - NXP Semiconductors HCS08 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 374 page
background image
Chapter 4 Memory
MC9S08JM60 Series Data Sheet, Rev. 5
50
Freescale Semiconductor
Nonvolatile flash registers, shown in Table 4-4, are located in the flash memory. These registers include
an 8-byte backdoor key which optionally can be used to gain access to secure memory resources. During
reset events, the contents of NVPROT and NVOPT in the nonvolatile register area of the flash memory
are transferred into corresponding FPROT and FOPT working registers in the high-page registers to
control security and block protection options.
Provided the key enable (KEYEN) bit is 1, the 8-byte comparison key can be used to temporarily
disengage memory security. This key mechanism can be accessed only through user code running in secure
memory. (A security key cannot be entered directly through background debug commands.) This security
key can be disabled completely by programming the KEYEN bit to 0. If the security key is disabled, the
only way to disengage security is by mass erasing the flash if needed (normally through the background
debug interface) and verifying that flash is blank. To avoid returning to secure mode after the next reset,
program the security bits (SEC01:SEC00) to the unsecured state (1:0).
4.3
RAM (System RAM)
The MC9S08JM60 series includes static RAM. The locations in RAM below 0x0100 can be accessed
using the more efficient direct addressing mode, and any single bit in this area can be accessed with the bit
manipulation instructions (BCLR, BSET, BRCLR, and BRSET). Locating the most frequently accessed
program variables in this area of RAM is preferred.
0x1857
Reserved
—
—
—
—
—
—
—
—
0x1858
PTGPE
—
—
PTGPE5
PTGPE4
PTGPE3
PTGPE2
PTGPE1
PTGPE0
0x1859
PTGSE
—
—
PTGSE5
PTGSE4
PTGSE3
PTGSE2
PTGSE1
PTGSE0
0x185A
PTGDS
—
—
PTGDS5
PTGDS4
PTGDS3
PTGDS2
PTGDS1
PTGDS0
0x185B–
0x185F
Reserved
—
—
—
—
—
—
—
—
1 This reserved bit must always be written to 0.
Table 4-4. Nonvolatile Register Summary
Address
Register Name
Bit 7
6
5
4
3
2
1
Bit 0
0xFFAE
Reserved for
storage of FTRIM
0
0
0
0
0
0
0FTRIM
0xFFAF
Res. for storage of
MCGTRIM
TRIM
0xFFB0–
0xFFB7
NVBACKKEY
8-Byte Comparison Key
0xFFB8–
0xFFBC
Reserved
—
—
—
—
—
—
—
—
0xFFBD
NVPROT
FPS7
FPS6
FPS5
FPS4
FPS3
FPS2
FPS1
FPDIS
0xFFBE
Reserved
—
—
—
—
—
—
—
—
0xFFBF
NVOPT
KEYEN
FNORED
0
0
0
0
SEC01
SEC00
Table 4-3. High-Page Register Summary (Sheet 3 of 3)
Address
Register Name
Bit 7
6
5
4
3
2
1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com