Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 19 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 19 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 15Page - NXP Semiconductors HCS08 Datasheet HTML 16Page - NXP Semiconductors HCS08 Datasheet HTML 17Page - NXP Semiconductors HCS08 Datasheet HTML 18Page - NXP Semiconductors HCS08 Datasheet HTML 19Page - NXP Semiconductors HCS08 Datasheet HTML 20Page - NXP Semiconductors HCS08 Datasheet HTML 21Page - NXP Semiconductors HCS08 Datasheet HTML 22Page - NXP Semiconductors HCS08 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 374 page
background image
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
19
Chapter 1
Device Overview
1.1
Introduction
MC9S08JM60 series MCUs are members of the low-cost, high-performance HCS08 Family of 8-bit
microcontroller units (MCUs). All MCUs in the family use the enhanced HCS08 core and are available
with a variety of modules, memory sizes, memory types, and package types.
Table 1-1 summarizes the peripheral availability per package type for the devices available in the
MC9S08JM60 series.
1.2
MCU Block Diagram
The block diagram in Figure 1-1 shows the structure of the MC9S08JM60 series MCU.
Table 1-1. Devices in the MC9S08JM60 Series
Feature
Device
MC9S08JM60
MC9S08JM32
Package
64-pin
48-pin
44-pin
64-pin
48-pin
44-pin
Flash
60,912
32,768
RAM
4096
2048
USB RAM
256
256
ACMP
yes
yes
ADC
12-ch
8-ch
8-ch
12-ch
8-ch
8-ch
IIC
yes
yes
IRQ
yes
yes
KBI
8778
77
SCI1
yes
yes
SCI2
yes
yes
SPI1
yes
yes
SPI2
yes
yes
TPM1
6-ch
4-ch
4-ch
6-ch
4-ch
4-ch
TPM2
2-ch
2-ch
USB
yes
yes
I/O pins
51
37
33
51
37
33
Package types
64 QFP
64 LQFP
48 QFN
44 LQFP
64 QFP
64 LQFP
48 QFN
44 LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com