Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 141 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 141 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 137Page - NXP Semiconductors HCS08 Datasheet HTML 138Page - NXP Semiconductors HCS08 Datasheet HTML 139Page - NXP Semiconductors HCS08 Datasheet HTML 140Page - NXP Semiconductors HCS08 Datasheet HTML 141Page - NXP Semiconductors HCS08 Datasheet HTML 142Page - NXP Semiconductors HCS08 Datasheet HTML 143Page - NXP Semiconductors HCS08 Datasheet HTML 144Page - NXP Semiconductors HCS08 Datasheet HTML 145Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 374 page
background image
Analog-to-Digital Converter (S08ADC12V1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
141
10.3.2
Status and Control Register 2 (ADCSC2)
The ADCSC2 register controls the compare function, conversion trigger, and conversion active of the
ADC module.
10.3.3
Data Result High Register (ADCRH)
In 12-bit operation, ADCRH contains the upper four bits of the result of a 12-bit conversion. In 10-bit
mode, ADCRH contains the upper two bits of the result of a 10-bit conversion. When configured for 10-bit
mode, ADR[11:10] are cleared. When configured for 8-bit mode, ADR[11:8] are cleared.
In 12-bit and 10-bit mode, ADCRH is updated each time a conversion completes except when automatic
compare is enabled and the compare condition is not met. When a compare event does occur, the value is
the addition of the conversion result and the two’s complement of the compare value. In 12-bit and 10-bit
mode, reading ADCRH prevents the ADC from transferring subsequent conversion results into the result
registers until ADCRL is read. If ADCRL is not read until after the next conversion is completed, the
intermediate conversion result is lost. In 8-bit mode, there is no interlocking with ADCRL.
76
54
3
2
10
RADACT
ADTRG
ACFE
ACFGT
00
R1
R1
W
Reset:
00
00
0
0
00
1 Bits 1 and 0 are reserved bits that must always be written to 0.
Figure 10-4. Status and Control Register 2 (ADCSC2)
Table 10-5. ADCSC2 Register Field Descriptions
Field
Description
7
ADACT
Conversion Active. Indicates that a conversion is in progress. ADACT is set when a conversion is initiated and
cleared when a conversion is completed or aborted.
0 Conversion not in progress
1 Conversion in progress
6
ADTRG
Conversion Trigger Select. Selects the type of trigger used for initiating a conversion. Two types of triggers are
selectable: software trigger and hardware trigger. When software trigger is selected, a conversion is initiated
following a write to ADCSC1. When hardware trigger is selected, a conversion is initiated following the assertion
of the ADHWT input.
0 Software trigger selected
1 Hardware trigger selected
5
ACFE
Compare Function Enable. Enables the compare function.
0 Compare function disabled
1 Compare function enabled
4
ACFGT
Compare Function Greater Than Enable. Configures the compare function to trigger when the result of the
conversion of the input being monitored is greater than or equal to the compare value. The compare function
defaults to triggering when the result of the compare of the input being monitored is less than the compare value.
0 Compare triggers when input is less than compare value
1 Compare triggers when input is greater than or equal to compare value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com