| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 136 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 136 Page - NXP Semiconductors |
|
136 / 374 page ![]() Chapter 10 Analog-to-Digital Converter (S08ADC12V1) MC9S08JM60 Series Data Sheet, Rev. 5 136 Freescale Semiconductor Figure 10-1. MC9S08JM60 Series Block Diagram Highlighting ADC Block and Pins PTD4/ADP11 PTD5 PTD6 PTC1/SDA PTC0/SCL VSS VDD PTE3/TPM1CH1 PTE2/TPM1CH0 PTA5– PTA0 PTE0/TxD1 PTE1/RxD1 PTD1/ADP9/ACMP– PTD0/ADP8/ACMP+ PTC6 PTC5/RxD2 PTC4 PTC3/TxD2 PTC2 8-BIT KEYBOARD INTERRUPT MODULE (KBI) IIC MODULE (IIC) 8-/16-BIT SERIAL PERIPHERAL INTERFACE MODULE (SPI1) USER Flash (IN BYTES) USER RAM (IN BYTES) ON-CHIP ICE AND DEBUG MODULE (DBG) MC9S08JM60 = 60,912 HCS08 CORE CPU BDC NOTES: 1. Port pins are software configurable with pullup device if input port. 2. Pin contains software configurable pullup/pull-down device if IRQ is enabled (IRQPE = 1). Pull-down is enabled if rising edge detect is selected (IRQEDG = 1) 3. IRQ does not have a clamp diode to VDD. IRQ must not be driven above VDD. 4. Pin contains integrated pullup device. 5. When pin functions as KBI (KBIPEn = 1) and associated pin is configured to enable the pullup device, KBEDGn can be used to reconfigure the pullup as a pull-down device. 2-CHANNEL TIMER/PWM MODULE (TPM2) PTE5/MOSI1 PTE4/MISO1 PTE6/SPSCK1 PTE7/SS1 HCS08 SYSTEM CONTROL RESETS AND INTERRUPTS MODES OF OPERATION POWER MANAGEMENT VOLTAGE REGULATOR COP IRQ LVD LOW-POWER OSCILLATOR MULTI-PURPOSE CLOCK GENERATOR (MCG) RESET VSSAD VDDAD VREFH 6-CHANNEL TIMER/PWM MODULE (TPM1) PTD7 6 PTG3/KBIP7 PTG2/KBIP6 BKGD/MS PTF3/TPM1CH5 PTF2/TPM1CH4 PTF0/TPM1CH2 PTF1/TPM1CH3 PTF5/TPM2CH1 PTF4/TPM2CH0 PTF6 PTF7 INTERFACE MODULE (SCI1) SERIAL COMMUNICATIONS INTERFACE MODULE (SCI2) SERIAL COMMUNICATIONS PTG0/KBIP0 PTG1/KBIP1 MC9S08JM32 = 32,768 VREFL PTG4/XTAL PTG5/EXTAL IRQ/TPMCLK RxD2 TxD2 SDA SCL KBIPx KBIPx TPMCLK SPSCK1 SS1 MISO1 MOSI1 TPMCLK TPM1CH1 TPM1CH0 RxD1 TxD1 EXTAL XTAL 4 USB SIE USB ENDPOINT RAM FULL SPEED USB TRANSCEIVER USBDP USBDN MISO2 SS2 SPSCK2 MOSI2 8-/16-BIT SERIAL PERIPHERAL INTERFACE MODULE (SPI2) REAL-TIME COUNTER (RTC) TPM1CHx 4 TPM2CH1 TPM2CH0 4 ANALOG COMPARATOR (ACMP) SYSTEM USB 3.3-V VOLTAGE REGULATOR VUSB33 MC9S08JM60 = 4096 MC9S08JM32 = 2048 ACMPO ACMP+ ACMP– PTD3/KBIP3/ADP10 PTD2/KBIP2/ACMPO VSSOSC PTB5/KBIP5/ADP5 ANALOG-TO-DIGITAL CONVERTER (ADC) PTB4/KBIP4/ADP4 12-CHANNEL, 12-BIT 8 4 PTB1/MOSI2/ADP1 PTB0/MISO2/ADP0 PTB7/ADP7 PTB6/ADP6 PTB3/SS2/ADP3 PTB2/SPSCK2/ADP2 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |