Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH79F166AP044PR Fiches technique(PDF) 78 Page - List of Unclassifed Manufacturers

No de pièce SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Fiches technique(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 74Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 75Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 76Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 77Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 78Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 79Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 80Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 81Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
SH79F166A
78
任何将SBUF作为目标寄存器的写操作都会启动发送,实际上发送是从16分频计数器中的下一次跳变之后的系统时钟开始
的,因此位时间与16分频计数器是同步的,与对SBUF的写操作不同步。起始位首先在TxD引脚上移出,然后是8位数据位。在
发送移位寄存器中的所有8位数据都发送完后,停止位在TxD引脚上移出,在停止位发出的同时Tl标志置1。
Write to SBUF
Shift CLK
D0
D1
D2
D3
D4
D5
D6
D7
TxD
Stop
Start
TI
Send Timing of Mode 1
只有REN位置1时才允许接收。当RXD引脚检测到下降沿时串行口开始接收串行数据。为此,CPU对RxD不断采样,采样速
率为波特率的16倍。当检测下降沿时,16分频计数器立即复位,这有助于16分频计数器与RxD引脚上的串行数据位同步。16分
频计数器把每一位的时间分为16个状态,在第7、8、9状态时,位检测器对RxD端的电平进行采样。为抑制噪声,在这3个状态
采样中至少有2次采样值一致数据才被接收。如果所接收的第一位不是0,说明这位不是一帧数据的起始位,该位被忽略,接收
电路被复位,等待RxD引脚上另一个下降沿的到来。若起始位有效,则移入移位寄存器,并接着移入其它位到移位寄存器。8个
数据位和1个停止位移入之后,移位寄存器的内容被分别装入SBUF和RB8中,RI置1,但必须满足下列条件:
1. RI = 0
2. SM2 = 0或者接收的停止位 = 1
如果这些条件被满足,那么停止位装入RB8,8个数据位装入SBUF,RI被置1。否则接收的帧会丢失。这时,接收器将重新
去探测RxD端是否另一个下降沿。用户必须用软件清除RI,然后才能再次接收。
Receive Timing of Mode 1
D0
D1
D2
D3
D4
D5
D6
D7
RxD
Stop
Start
Bit Sample
Shift CLK
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More