Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH79F166AP044PR Fiches technique(PDF) 76 Page - List of Unclassifed Manufacturers

No de pièce SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Fiches technique(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 72Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 73Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 74Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 75Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 76Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 77Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 78Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 79Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 113 page
background image
SH79F166A
76
8.4 增强型通用异步收发器(EUART)
8.4.1 特性
 SH79F166A带有1个EUART,兼容传统8051
 波特率可选择为系统时钟分频或定时器4/2的溢出率
 增强功能包括帧出错检测及自动地址识别
 EUART有四种工作方式
8.4.2 EUART0工作方式
EUART0有4种工作方式。在通信之前用户必须先初始化SCON,选择方式和波特率。如果使用方式1或方式3应先初始化定
时器2或定时器4。
在所有四种方式中,任何将SBUF作为目标寄存器的写操作都会启动发送。在方式0中由条件RI = 0和REN = 1初始化接收。
这会在TXD引脚上产生一个时钟信号,然后在RXD引脚上移8位数据。在其他方式中由输入的起始位初始化接收(如果REN = 1)。
通过发送起始位,外部发送器开始通信。
EUART方式列表
SM0
SM1
方式
类型
波特率
帧长度
起始位
停止位
第9位
0
0
0
同步
fSYS/(4或12)
8位
无
无
无
0
1
1
异步
定时器4或2的溢出率/(16或32)
10位
1
1
无
1
0
2
异步
fSYS/(32或64)
11位
1
1
0,1
1
1
3
异步
定时器4或2的溢出率/(16或32)
11位
1
1
0,1
方式0:同步,半双工通讯
方式0支持与外部设备的同步通信。在RXD引脚上收发串行数据。TXD引脚用作发送移位时钟。SH79F166A提供TXD引脚
上的移位时钟。因此这个方式是串行通信的半双工方式。在这个方式中,每帧收发8位,低位先接收或发送。
通过置SM2位(SCON.5)为0或1,波特率固定为系统时钟的1/12或1/4。当SM2位为0时,串行端口以系统时钟的1/12运行。
当置1时,串行端口以系统时钟的1/4运行。与标准8051唯一不同的是,SH79F166A在方式0中有可变波特率。
功能块框图如下图所示。数据通过RXD引脚进入和移出串行端口。移位时钟由TXD引脚输出,用来移位进出SH79F166A的
数据。
12
4
SERIAL
CONTROLLER
TX CLOCK
TX START
TX SHIFT
TI
RI
SHIFT
CLOCK
RX CLOCK
LOAD SBUF
RX START
RX SHIFT
Transmit Shift Register
RXD
Serial Port Interrupt
TXD
RI
REN
PARIN
LOAD
CLOCK
SOUT
CLOCK
SIN
PAROUT
RXD
SBUF
Read SBUF
Receive Shift Register
Internal
Data Bus
Write to
SBUF
1
0
SBUF
÷
÷
System Clock
SM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More