Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH79F166AP044PR Fiches technique(PDF) 92 Page - List of Unclassifed Manufacturers

No de pièce SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Fiches technique(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 88Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 89Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 90Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 91Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 92Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 93Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 94Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 95Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
SH79F166A
92
8.8 低电压复位(LVR)
8.8.1 特性
 通过代码选项选择,LVR 设定电压 VLVR 可为 2.1V 或 4.3V
 LVR 去抖动时间 TLVR 为 30-60µs
 当供电电压低于设定电压 VLVR 时,将产生内部复位
低电压复位(LVR)功能是为了监测供电电压,当供电电压低于设定电压VLVR时,MCU将产生内部复位。LVR去抖动时间
TLVR大约为30µs-60µs。
LVR功能打开后,具有以下特性(t表示电压低于设定电压VLVR的时间):
当V
DD ≤ VLVR且t ≥ TLVR时产生系统复位。
当V
DD > VLVR或VDD < VLVR,但t < TLVR时不会产生系统复位。
通过代码选项,可以选择LVR功能的打开与关闭。
在交流电或大容量电池应用中,接通大负载后容易导致MCU供电暂时低于定义的工作电压。低电压复位可以应用于此,保
护系统在低于设定电压下产生有效复位。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More